Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRB260 Datasheet(PDF) 3 Page - TEMEX

Part # SRB260
Description  Ultra Low Noise Voltage Controlled 600 MHz SAW Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

SRB260 Datasheet(HTML) 3 Page - TEMEX

  SRB260 Datasheet HTML 1Page - TEMEX SRB260 Datasheet HTML 2Page - TEMEX SRB260 Datasheet HTML 3Page - TEMEX SRB260 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SR B260
Ultra Low Noise Voltage Controlled 600 MHz SAW Oscillator
Tentative specification
March, 2008
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
2
S A W P r o d u c t s
Mechanical characteristics
Package:
Machined, shielded enclosure
SMA connector & feedthru solder pins
Foot-print:
96 x 77 mm max.
[3.75 x 3 inch]
Height:
23.3 mm max.
[0.916 inch]
Pin description
Pin number
Type
Label
Function
1
Feedthru
NA
NC
2
Feedthru + Ground
DC Supply voltage
Oscillator & oven power supply
3
Female SMA
Frequency output
Frequency output
4
Feedthru + Ground
Voltage control
Voltage control for electrical tuning
5
Feedthru
NA
NC


Similar Part No. - SRB260

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SRB20100 GWSEMI-SRB20100 Datasheet
66Kb / 2P
   20.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
MIC GROUP RECTIFIERS
SRB20100C MIC-SRB20100C Datasheet
50Kb / 2P
   SCHTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SRB20100LCT DGNJDZ-SRB20100LCT Datasheet
1Mb / 7P
   20A 100V LOW VF SCHOTTKY RECTIFIER
logo
Goodwork Semiconductor ...
SRB20150 GWSEMI-SRB20150 Datasheet
66Kb / 2P
   20.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SRB20150CT DGNJDZ-SRB20150CT Datasheet
1Mb / 7P
   20A 150V SCHOTTKY RECTIFIER
More results

Similar Description - SRB260

ManufacturerPart #DatasheetDescription
logo
TEMEX
SRB660 TEMEX-SRB660 Datasheet
258Kb / 4P
   Ultra Low Noise Voltage Controlled 1200 MHz SAW Oscillator
SRB250 TEMEX-SRB250 Datasheet
259Kb / 4P
   Ultra Low Noise Voltage Controlled 500 MHz SAW Oscillator
SRB248 TEMEX-SRB248 Datasheet
259Kb / 4P
   Ultra Low Noise Voltage Controlled 480 MHz SAW Oscillator
SRB650 TEMEX-SRB650 Datasheet
258Kb / 4P
   Ultra Low Noise Voltage Controlled 1000 MHz SAW Oscillator
SRB232 TEMEX-SRB232 Datasheet
253Kb / 4P
   Ultra Low Noise SAW Oscillator @ 320 MHz
logo
Crystek Corporation
CVPD-952 CRYSTEKCRYSTAL-CVPD-952 Datasheet
183Kb / 2P
   Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
CVPD-952 CRYSTEKCRYSTAL-CVPD-952_17 Datasheet
306Kb / 2P
   Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
CVHD-952 CRYSTEKCRYSTAL-CVHD-952 Datasheet
161Kb / 1P
   Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
CVHD-952 CRYSTEKCRYSTAL-CVHD-952_17 Datasheet
228Kb / 1P
   Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
logo
TEMEX
SRD02 TEMEX-SRD02 Datasheet
115Kb / 5P
   Ultra Low Noise Phase locked 500 MHz SAW Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com