Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSD128M72B9K-F12 Datasheet(PDF) 11 Page - Hanbit Electronics Co.,Ltd

Part # HSD128M72B9K-F12
Description  Synchronous DRAM Module 1024Mbyte (128Mx72Bit), 8K Ref., 3.3V ECC Unbuffered SO-DIMM,
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD128M72B9K-F12 Datasheet(HTML) 11 Page - Hanbit Electronics Co.,Ltd

Back Button HSD128M72B9K-F12 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F12 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F12 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F12 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F12 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F12 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F12 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F12 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F12 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HANBit
HSD128M72B9K
URL : www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV.0.0(January. 2003)
11
ORDERING INFORMATION
Part Number
Density
Org.
Package
Ref.
Vcc
Bank
MAX.frq
HSD128M72B9K-13
1024MByte
128M x 72
144 Pin-SODIMM
8K
3.3V
4Bank
CL3
133MHz
HSD128M72B9K-12
1024MByte
128M x 72
144 Pin-SODIMM
8K
3.3V
4Bank
CL3
125MHz
HSD128M72B9K-10L
1024MByte
128M x 72
144 Pin-SODIMM
8K
3.3V
4Bank
CL3
100MHz
HSD128M72B9K-10
1024MByte
128M x 72
144 Pin-SODIMM
8K
3.3V
4Bank
CL2
100MHz
HSD128M72B9K-F13
1024MByte
128M x 72
144 Pin-SODIMM
8K
3.3V
4Bank
CL3
133MHz
HSD128M72B9K-F12
1024MByte
128M x 72
144 Pin-SODIMM
8K
3.3V
4Bank
CL3
125MHz
HSD128M72B9K-F10L
1024MByte
128M x 72
144 Pin-SODIMM
8K
3.3V
4Bank
CL3
100MHz
HSD128M72B9K-F10
1024MByte
128M x 72
144 Pin-SODIMM
8K
3.3V
4Bank
CL2
100MHz
F means Auto & Self refresh with Low-Power (3.3V)


Similar Part No. - HSD128M72B9K-F12

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HSD128M32B8A DLGHANBIT-HSD128M32B8A Datasheet
586Kb / 11P
   Synchronous DRAM Module 512Mbyte (128Mx32Bit), 8K Ref., 3.3V
HSD128M32B8A-13 DLGHANBIT-HSD128M32B8A-13 Datasheet
586Kb / 11P
   Synchronous DRAM Module 512Mbyte (128Mx32Bit), 8K Ref., 3.3V
More results

Similar Description - HSD128M72B9K-F12

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64B8A HANBIT-HSD32M64B8A Datasheet
91Kb / 11P
   Synchronous DRAM Module 256Mbyte (32Mx64Bit), SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD64M64B8W HANBIT-HSD64M64B8W Datasheet
85Kb / 10P
   Synchronous DRAM Module 512Mbyte(64Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD16M64B4W HANBIT-HSD16M64B4W Datasheet
105Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD32M64B8W HANBIT-HSD32M64B8W Datasheet
88Kb / 11P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HDD32M72B9 HANBIT-HDD32M72B9 Datasheet
199Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on32Mx8,4Banks, 8K Ref., ECC Unbuffered SO-DIMM
HSD32M72D9H HANBIT-HSD32M72D9H Datasheet
158Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit),DIMM with ECC based on 32Mx8, 4Banks, 8K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD128M32B8A DLGHANBIT-HSD128M32B8A Datasheet
586Kb / 11P
   Synchronous DRAM Module 512Mbyte (128Mx32Bit), 8K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD16M32D4 HANBIT-HSD16M32D4 Datasheet
145Kb / 10P
   Synchronous DRAM Module 64Mbyte(16Mx32-Bit), 100pin DIMM, 4Banks, 8K Ref., 3.3V
HSD2M64B2 HANBIT-HSD2M64B2 Datasheet
75Kb / 10P
   Synchronous DRAM Module 16Mbyte (2Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD4M64B4 HANBIT-HSD4M64B4 Datasheet
87Kb / 11P
   Synchronous DRAM Module 32Mbyte (4Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com