Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSD128M72B9K-F12 Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

Part # HSD128M72B9K-F12
Description  Synchronous DRAM Module 1024Mbyte (128Mx72Bit), 8K Ref., 3.3V ECC Unbuffered SO-DIMM,
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD128M72B9K-F12 Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

Back Button HSD128M72B9K-F12 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F12 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F12 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F12 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F12 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F12 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F12 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F12 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HSD128M72B9K-F12 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HANBit
HSD128M72B9K
URL : www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV.0.0(January. 2003)
6
ICC2NS
CKE
³ VIH(min)
CLK
£ VIL(max), tCC
Input signals are stable
180
ICC3P
CKE
£ VIL(max), tCC=10ns
72
Active
standby
current
in
power-down mode
ICC3PS
CKE&CLK
£ VIL(max)
tCC
72
mA
ICC3N
CKE
³VIH(min),
CS*
³VIH(min), tCC=10ns
Input signals are changed one
time during 20ns
450
Active standby current in
non power-down mode
(One bank active)
ICC3NS
CKE
³VIH(min)
CLK
£VIL(max), tCC
Input signals are stable
315
mA
Operating current
(Burst mode)
ICC4
IO = 0 mA
Page burst
4Banks Activated
tCCD = 2CLKs
1260 1260 1170 1170
mA
1
Refresh current
ICC5
tRC ³ tRC(min)
2160 1980 1890 1890
mA
2
54
mA
3
Self refresh current
ICC6
CKE
£ 0.2V
27
mA
4
Notes :
1. Measured with outputs open.
2. Refresh period is 64ms.
3. Unless otherwise noticed, input swing level is CMOS(VIH/VIL=VDDQ/VSSQ).
AC OPERATING TEST CONDITIONS
(Vcc = 3.3V ± 0.3V, TA = 0 to 70° C)
PARAMETER
Value
UNIT
AC Input levels (Vih/Vil)
2.4/0.4
V
Input timing measurement reference level
1.4
V
Input rise and fall time
tr/tf = 1/1
ns
Output timing measurement reference level
1.4
V
Output load condition
See Fig. 2
+3.3V
Vtt=1.4V
50
W
50pF
DOUT
Z0=50
W
1200
W
870
W
50pF*
DOUT
VOH (DC) = 2.4V, IOH = -2mA
VOL (DC) = 0.4V, IOL = 2mA
(Fig. 1) DC output load
(Fig. 2) AC output load circuit


Similar Part No. - HSD128M72B9K-F12

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HSD128M32B8A DLGHANBIT-HSD128M32B8A Datasheet
586Kb / 11P
   Synchronous DRAM Module 512Mbyte (128Mx32Bit), 8K Ref., 3.3V
HSD128M32B8A-13 DLGHANBIT-HSD128M32B8A-13 Datasheet
586Kb / 11P
   Synchronous DRAM Module 512Mbyte (128Mx32Bit), 8K Ref., 3.3V
More results

Similar Description - HSD128M72B9K-F12

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64B8A HANBIT-HSD32M64B8A Datasheet
91Kb / 11P
   Synchronous DRAM Module 256Mbyte (32Mx64Bit), SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD64M64B8W HANBIT-HSD64M64B8W Datasheet
85Kb / 10P
   Synchronous DRAM Module 512Mbyte(64Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD16M64B4W HANBIT-HSD16M64B4W Datasheet
105Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD32M64B8W HANBIT-HSD32M64B8W Datasheet
88Kb / 11P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HDD32M72B9 HANBIT-HDD32M72B9 Datasheet
199Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on32Mx8,4Banks, 8K Ref., ECC Unbuffered SO-DIMM
HSD32M72D9H HANBIT-HSD32M72D9H Datasheet
158Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit),DIMM with ECC based on 32Mx8, 4Banks, 8K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD128M32B8A DLGHANBIT-HSD128M32B8A Datasheet
586Kb / 11P
   Synchronous DRAM Module 512Mbyte (128Mx32Bit), 8K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD16M32D4 HANBIT-HSD16M32D4 Datasheet
145Kb / 10P
   Synchronous DRAM Module 64Mbyte(16Mx32-Bit), 100pin DIMM, 4Banks, 8K Ref., 3.3V
HSD2M64B2 HANBIT-HSD2M64B2 Datasheet
75Kb / 10P
   Synchronous DRAM Module 16Mbyte (2Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD4M64B4 HANBIT-HSD4M64B4 Datasheet
87Kb / 11P
   Synchronous DRAM Module 32Mbyte (4Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com