Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSD64M64F8KA-10L Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HSD64M64F8KA-10L
Description  Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8 ,4Banks, 4K Ref., 3.3V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD64M64F8KA-10L Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HSD64M64F8KA-10L Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HSD64M64F8KA-10L Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD64M64F8KA-10L Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD64M64F8KA-10L Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD64M64F8KA-10L Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD64M64F8KA-10L Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD64M64F8KA-10L Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD64M64F8KA-10L Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD64M64F8KA-10L Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HANBit
HSD64M64F8KA
URL:www.hbe.co.kr
4
HANBit Electronics Co.,Ltd.
REV. 1.0 (August, 2002)
DC OPERATING CONDITIONS
(Recommended operating conditions (Voltage referenced to Vss = 0V, TA = 0 to 70°C) )
PARAMETER
SYMBOL
MIN
TYP.
MAX
UNIT
NOTE
Supply Voltage
Vcc
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
3.0
Vcc+0.3
V
1
Input Low Voltage
VIL
-0.3
0
0.8
V
2
Output High Voltage
VOH
2.4
-
-
V
IOH = -2mA
Output Low Voltage
VOL
-
-
0.4
V
IOL = 2mA
Input leakage current
I LI
-10
-
10
uA
3
Notes :
1. VIH (max) = 5.6V AC. The overshoot voltage duration is ≤ 3ns.
2. VIL (min) = -2.0V AC. The undershoot voltage duration is ≤ 3ns.
3. Any input 0V
≤ V
IN ≤ VDDQ.
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
CAPACITANCE
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
Input capacitance(A0~A11)
CIN1
40
80
pF
Input capacitance(/RAS, /CAS,/WE)
CIN2
40
80
pF
Input capacitance(CKE0)
CIN3
40
80
pF
Input capacitance(CLK0)
CIN4
40
64
pF
Input capacitance(/CS0~/CS3)
CIN5
40
80
pF
Input capacitance(DQM0~DQM7)
CIN3
40
64
pF
Input capacitance(BA0~BA1)
CIN3
40
64
pF
Data input/output capacitance (DQ0 ~ DQ63)
COUT
64
104
pF
(Vcc = 3.3V, TA = 23°C, f = 1MHz, VREF =1.4V ± 200 mV)
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, TA = 0 to 70°C)
VERSION
PARAMETER
SYMBOL
TEST
CONDITION
-10
-10L
-13
UNIT
NOT
E
Operating current
(One bank active)
ICC1
Burst length = 1
tRC ≥ tRC(min) IO = 0mA
720
720
800
mA
1
ICC2P
CKE
≤ V
IL(max) tCC=10ns
16
mA
3
Precharge standby
current in
power-down mode
ICC2PS
CKE & CLK
≤ V
IL(max)
tCC=∞
16
mA
3


Similar Part No. - HSD64M64F8KA-10L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD64M64F8K HANBIT-HSD64M64F8K Datasheet
204Kb / 12P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8, 4Banks, 4K Ref., 3.3V
HSD64M64F8K-10L HANBIT-HSD64M64F8K-10L Datasheet
204Kb / 12P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD64M64F8KA-10L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD64M64F8K HANBIT-HSD64M64F8K Datasheet
204Kb / 12P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64F8V HANBIT-HSD32M64F8V Datasheet
89Kb / 11P
   Synchronous DRAM Module, 256Mbyte ( 32M x 64-Bit ) SMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD16M64F8K HANBIT-HSD16M64F8K Datasheet
1Mb / 30P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), SMM ,16Mx8, 4Banks, 4K Ref. 3.3V
HSD32M64D8H HANBIT-HSD32M64D8H Datasheet
84Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD8M32F4V HANBIT-HSD8M32F4V Datasheet
82Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D8A HANBIT-HSD32M64D8A Datasheet
84Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD16M32F4V HANBIT-HSD16M32F4V Datasheet
103Kb / 11P
   Synchronous DRAM Module 64Mbyte ( 16M x 32-Bit ) SMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64F8V HANBIT-HSD16M64F8V Datasheet
88Kb / 11P
   Synchronous DRAM Module, 128Mbyte ( 16M x 64-Bit ) SMM based on 16Mx8 4Banks, 4K Ref., 3.3V
HSD8M64F8V HANBIT-HSD8M64F8V Datasheet
106Kb / 10P
   Synchronous DRAM Module 64Mbyte ( 8M x 64-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64F8K HANBIT-HSD32M64F8K Datasheet
202Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM, based on16Mx8,4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com