Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK0629DPN Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJK0629DPN
Description  N Channel Power MOS FET High-Speed Switching Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0629DPN Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJK0629DPN Datasheet HTML 1Page - Renesas Technology Corp RJK0629DPN Datasheet HTML 2Page - Renesas Technology Corp RJK0629DPN Datasheet HTML 3Page - Renesas Technology Corp RJK0629DPN Datasheet HTML 4Page - Renesas Technology Corp RJK0629DPN Datasheet HTML 5Page - Renesas Technology Corp RJK0629DPN Datasheet HTML 6Page - Renesas Technology Corp RJK0629DPN Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJK0629DPN
Preliminary
REJ03G1873-0100 Rev.1.00 Dec 15, 2009
Page 4 of 6
50
40
30
20
10
0
20
16
12
8
4
40
80
120
160
200
0
Gate Charge Qg (nC)
Dynamic Input Characteristics
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Channel Temperature Tch (
°C)
Maximum Avalanche Energy vs.
Channel Temperature Derating
Tc = 25
°C
ID = 85 A
VDS
VGS
VDD = 25 V
10 V
5 V
VDD = 25 V
10 V
5 V
100
80
60
40
20
0
0.4
0.8
1.2
1.6
2.0
Tc = 25
°C
Pulse Test
VGS = 0, −5 V
10 V
500
400
300
200
100
25
50
75
100
125
175
150
0
IAP = 55 A
VDD = 25 V
duty < 0.1 %
Rg
≥ 50 Ω
Case Temperature Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature
20
16
−50
0
50
100
150
200
0
4
12
8
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
VGS = 4.5 V
10 V
Pulse Test
ID = 43 A
0
5
10
15
20
25
30
3000
10000
1000
300
100
Tc = 25
°C
VGS = 0
f = 1 MHz
Ciss
Coss
Crss


Similar Part No. - RJK0629DPN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0629DPN RENESAS-RJK0629DPN Datasheet
108Kb / 7P
   60V, 85A, 4.5m max. N Channel Power MOS FET High-Speed Switching Use
RJK0629DPN-00-T2 RENESAS-RJK0629DPN-00-T2 Datasheet
108Kb / 7P
   60V, 85A, 4.5m max. N Channel Power MOS FET High-Speed Switching Use
RJK0629DPN RENESAS-RJK0629DPN_13 Datasheet
108Kb / 7P
   60V, 85A, 4.5m max. N Channel Power MOS FET High-Speed Switching Use
RJK0629DPN RENESAS-RJK0629DPN_15 Datasheet
108Kb / 7P
   60V, 85A, 4.5m??max. N Channel Power MOS FET High-Speed Switching Use
More results

Similar Description - RJK0629DPN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0629DPK RENESAS-RJK0629DPK Datasheet
119Kb / 7P
   N Channel Power MOS FET High-Speed Switching Use
RJK0629DPE RENESAS-RJK0629DPE Datasheet
119Kb / 7P
   N Channel Power MOS FET High-Speed Switching Use
RJK5003DPD RENESAS-RJK5003DPD_15 Datasheet
97Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching Use
RJK5003DPD RENESAS-RJK5003DPD_10 Datasheet
97Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching Use
RJK5003DPD RENESAS-RJK5003DPD Datasheet
86Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching Use
HAT2038R RENESAS-HAT2038R_15 Datasheet
248Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching Use
FS70KM-2 RENESAS-FS70KM-2 Datasheet
172Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS70KMJ-03F RENESAS-FS70KMJ-03F Datasheet
105Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FS70VSJ-06F RENESAS-FS70VSJ-06F Datasheet
103Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
FX6KMJ-3 RENESAS-FX6KMJ-3 Datasheet
209Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com