Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKP436KER Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RKP436KER
Description  Ultra small Package Composite Pin Diode for Antenna Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKP436KER Datasheet(HTML) 2 Page - Renesas Technology Corp

  RKP436KER Datasheet HTML 1Page - Renesas Technology Corp RKP436KER Datasheet HTML 2Page - Renesas Technology Corp RKP436KER Datasheet HTML 3Page - Renesas Technology Corp RKP436KER Datasheet HTML 4Page - Renesas Technology Corp RKP436KER Datasheet HTML 5Page - Renesas Technology Corp RKP436KER Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RKP436KE
Preliminary
REJ03G1864-0100 Rev.1.00 Nov 19, 2009
Page 2 of 5
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
30
V
Forward current
IF
100
mA
Pd *
1
100
Power dissipation
Pd *
2
200
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
–55 to +125
°C
Notes
: 1. Per one device.
2. Value at Package total.
Electrical Characteristics (RKP200KP series)
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
IR
100
nA
VR = 30 V
Forward voltage
VF
1.0
V
IF = 10 mA
Capacitance
C
0.35
pF
VR = 1 V, f = 1 MHz
Forward resistance
rf
1.3
Ω
IF = 10 mA, f = 100 MHz
ESD-Capability *
1
100
V
C = 200 pF, R = 0
Ω, Both forward
and reverse direction 1 pulse.
Electrical Characteristics (RKP204KP series)
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
IR
100
nA
VR = 30 V
Forward voltage
VF
1.0
V
IF = 10 mA
Capacitance
C
0.35
pF
VR = 1 V, f = 1 MHz
Forward resistance
rf
1.1
Ω
IF = 10 mA, f = 100 MHz
ESD-Capability *
1
100
V
C = 200 pF, R = 0
Ω, Both forward
and reverse direction 1 pulse.
Notes
: 1. Failure criterion; I
R > 100 nA at VR = 30 V
2. Please do not use the soldering iron due to avoid high stress to the MP6-12 package.


Similar Part No. - RKP436KER

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKP400KS RENESAS-RKP400KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP401KS RENESAS-RKP401KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP402KS RENESAS-RKP402KS Datasheet
55Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP403KS RENESAS-RKP403KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP404KS RENESAS-RKP404KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
More results

Similar Description - RKP436KER

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKP453KE RENESAS-RKP453KE Datasheet
83Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
RKP450KE RENESAS-RKP450KE Datasheet
84Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
RKP452KE RENESAS-RKP452KE Datasheet
83Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
RKP454KE RENESAS-RKP454KE Datasheet
83Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
RKP451KE RENESAS-RKP451KE Datasheet
83Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
RKP405KS RENESAS-RKP405KS Datasheet
69Kb / 5P
   Composite Pin Diode for Antenna Switching
RKP404KS RENESAS-RKP404KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP401KS RENESAS-RKP401KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP407KS RENESAS-RKP407KS Datasheet
74Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP412KS RENESAS-RKP412KS Datasheet
48Kb / 5P
   Composite Pin Diode for Antenna Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com