Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKP350KV Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RKP350KV
Description  Silicon Epitaxial Planar Diode for Antenna Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKP350KV Datasheet(HTML) 2 Page - Renesas Technology Corp

  RKP350KV Datasheet HTML 1Page - Renesas Technology Corp RKP350KV Datasheet HTML 2Page - Renesas Technology Corp RKP350KV Datasheet HTML 3Page - Renesas Technology Corp RKP350KV Datasheet HTML 4Page - Renesas Technology Corp RKP350KV Datasheet HTML 5Page - Renesas Technology Corp RKP350KV Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RKP350KV
Preliminary
REJ03G1861-0100 Rev.1.00 Nov 19, 2009
Page 2 of 5
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
50
V
Power dissipation
Pd *
1
700
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. Glass epoxy board: 50h
× 50w × 1.6t (mm)
1.0
10
1.7
2.0
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
VF
1.0
V
IF = 50 mA
Reverse current
IR
10
μA
VR = 50 V
Capacitance
C
1.7
pF
VR = 1 V, f = 1 MHz
Forward resistance
(series resistance)
rf
0.5
Ω
IF = 50 mA, f = 100 MHz
Forward resistance
(parallel resistance)
rp
1.5
k
Ω
VR = 0 V, f = 100 MHz


Similar Part No. - RKP350KV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKP300KJ RENESAS-RKP300KJ Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Wireless LAN
RKP300KK RENESAS-RKP300KK Datasheet
83Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Wireless LAN
RKP300KK RENESAS-RKP300KK_15 Datasheet
104Kb / 7P
   Silicon Epitaxial Planar Pin Diode for Wireless LAN
RKP300KL RENESAS-RKP300KL Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Wireless LAN
RKP300WKQE RENESAS-RKP300WKQE Datasheet
81Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
More results

Similar Description - RKP350KV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKP301KK RENESAS-RKP301KK Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVC133A RENESAS-HVC133A Datasheet
159Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
logo
Hitachi Semiconductor
HVD142 HITACHI-HVD142 Datasheet
36Kb / 6P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
logo
Renesas Technology Corp
RKP300WKQE RENESAS-RKP300WKQE Datasheet
81Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVC132 RENESAS-HVC132 Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP200KP RENESAS-RKP200KP Datasheet
52Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP204KP RENESAS-RKP204KP Datasheet
66Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVL142A RENESAS-HVL142A Datasheet
171Kb / 8P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
Jan 13, 2006
HVD133A RENESAS-HVD133A Datasheet
64Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVD141 RENESAS-HVD141 Datasheet
151Kb / 6P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com