Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMD32M64D8A-13 Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd

Part # HMD32M64D8A-13
Description  Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD32M64D8A-13 Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd

  HMD32M64D8A-13 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD32M64D8A-13 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD32M64D8A-13 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD32M64D8A-13 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD32M64D8A-13 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD32M64D8A-13 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMD32M64D8A-13 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMD32M64D8A-13 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMD32M64D8A-13 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HANBit
HSD32M64D8A
URL:www.hbe.co.kr
- 3 -
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
FUNCTIONAL BLOCK DIAGRAM
CKE
CLK
CAS
DQ0-7
RAS
DQM0
CE
WE
A0-A12
BA0-1
U1
/CAS
/CS0
/RAS
/CS2
CKE0
DQM0
DQM7
CLKB
CLKA
CKE
CLK
CAS
DQ16-23
RAS
DQM2
CE
WE
A0-A12
BA0-1
CKE
CLK
CAS
DQ32-39
RAS
DQM4
CE
WE
A0-A12
BA0-1
CKE
CLK
CAS
DQ48-55
RAS
DQM6
CE
WE
A0-A12
BA0-1
CKE
CLK
CAS
DQ8-15
RAS
DQM1
CE
WE
A0-A12
BA0-1
CKE
CLK
CAS
DQ24-31
RAS
DQM3
CE
WE
A0-A12
BA0-1
CKE
CLK
CAS
DQ40-47
RAS
DQM5
CE
WE
A0-A12
BA0-1
CKE
CLK
CAS
DQ56-63
RAS
DQM7
CE
WE
A0-A12
BA0-1
DQM2
DQM6
DQM4
DQM1
DQM3
DQM5
U6
U7
U3
U8
U4
U9
U2
Vcc
Vss
Two
0.1uF Capacitors
per
each
SDRAM
/WE
A0 - A12
BA0-1
DQ0-63


Similar Part No. - HMD32M64D8A-13

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD32M32M16EG HANBIT-HMD32M32M16EG Datasheet
96Kb / 7P
   128Mbyte (32Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD32M32M16EG-5 HANBIT-HMD32M32M16EG-5 Datasheet
96Kb / 7P
   128Mbyte (32Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD32M32M16EG-6 HANBIT-HMD32M32M16EG-6 Datasheet
96Kb / 7P
   128Mbyte (32Mx32) 72-pin EDO Mode 4K Ref. SIMM Design 5V
HMD32M32M16G HANBIT-HMD32M32M16G Datasheet
93Kb / 7P
   128Mbyte (32Mx32) 72-pin Fast Page Mode 4K Ref. SIMM Design 5V
HMD32M32M16G-5 HANBIT-HMD32M32M16G-5 Datasheet
93Kb / 7P
   128Mbyte (32Mx32) 72-pin Fast Page Mode 4K Ref. SIMM Design 5V
More results

Similar Description - HMD32M64D8A-13

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64D8H HANBIT-HSD32M64D8H Datasheet
84Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD8M72D9A HANBIT-HSD8M72D9A Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM with ECC based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD32M72D9H HANBIT-HSD32M72D9H Datasheet
158Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit),DIMM with ECC based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD16M32D4 HANBIT-HSD16M32D4 Datasheet
145Kb / 10P
   Synchronous DRAM Module 64Mbyte(16Mx32-Bit), 100pin DIMM, 4Banks, 8K Ref., 3.3V
HSD8M64D8A HANBIT-HSD8M64D8A Datasheet
84Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx64bit),DIMM, 4Banks, 4K Ref., 3.3V
HSD16M72D9A HANBIT-HSD16M72D9A Datasheet
84Kb / 9P
   Synchronous DRAM Module 128Mbyte (8Mx72bit),DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD8M64D4B HANBIT-HSD8M64D4B Datasheet
85Kb / 11P
   Synchronous DRAM Module 64Mbyte (8Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64D8H HANBIT-HSD8M64D8H Datasheet
98Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx64bit), DIMM based on 8Mx8,4Banks, 4K Ref., 3.3V
HSD64M64F8K HANBIT-HSD64M64F8K Datasheet
204Kb / 12P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8, 4Banks, 4K Ref., 3.3V
HSD64M64F8KA HANBIT-HSD64M64F8KA Datasheet
137Kb / 10P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8 ,4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com