Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJH60D1DPP-M0 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJH60D1DPP-M0
Description  Silicon N Channel IGBT Application: Inverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60D1DPP-M0 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJH60D1DPP-M0 Datasheet HTML 1Page - Renesas Technology Corp RJH60D1DPP-M0 Datasheet HTML 2Page - Renesas Technology Corp RJH60D1DPP-M0 Datasheet HTML 3Page - Renesas Technology Corp RJH60D1DPP-M0 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RJH60D1DPP-M0
Preliminary
REJ03G1839-0100 Rev.1.00 Oct 14, 2009
Page 3 of 3
Package Dimension
Unit: mm
Previous Code
PRSS0003AF-A
TO-220FL
MASS[Typ.]
1.5g
RENESAS Code
JEITA Package Code
Package Name
TO-220FL
10.0
± 0.3
φ 3.2 ± 0.2
0.75
± 0.15
1.15
± 0.2
2.54
± 0.25
2.54
± 0.25
0.40
± 0.15
2.8
± 0.2
1.15
± 0.2
Ordering Information
Part No.
Quantity
Shipping Container
RJH60D1DPP-M0-T2
1050 pcs
Box (Tube)


Similar Part No. - RJH60D1DPP-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D1DPP-M0 RENESAS-RJH60D1DPP-M0_10 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D1DPP-M0 RENESAS-RJH60D1DPP-M0_15 Datasheet
107Kb / 10P
   600V - 10A - IGBT Application: Inverter
More results

Similar Description - RJH60D1DPP-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D0DPM RENESAS-RJH60D0DPM Datasheet
89Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D1DPE RENESAS-RJH60D1DPE_11 Datasheet
86Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D2DPE RENESAS-RJH60D2DPE_10 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D3DPP-M0 RENESAS-RJH60D3DPP-M0 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_10 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D6DPK RENESAS-RJH60D6DPK_10 Datasheet
89Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D0DPK RENESAS-RJH60D0DPK Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
RJH60D5DPK RENESAS-RJH60D5DPK Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
RJH60D5DPK RENESAS-RJH60D5DPK_10 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D6DPK RENESAS-RJH60D6DPK Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com