Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMNR5128D-85 Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMNR5128D-85
Description  5.0 or 3.3V, 4 Mbit (512 Kbit x 8) TIMEKEEPER NVSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMNR5128D-85 Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMNR5128D-85 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMNR5128D-85 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMNR5128D-85 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMNR5128D-85 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMNR5128D-85 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMNR5128D-85 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMNR5128D-85 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMNR5128D-85 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMNR5128D-85 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HANBit
HMNR5128D(V)
URL : www.hbe.co.kr
4
HANBit Electronics Co.,Ltd
Rev. 2.0 (March, 2002)
Capacitance
Symbol
Parameter
(1,2)
Min
Max
Unit
CIN
Input Capacitance
10
pF
COUT
(3)
Input/Output Capacitance
10
pF
Note :
1.
Effective capacitance measured with power supply at 5V (HMNR5128D) or 3.3V (HMNR5128DV). Sampled only,
not 100% tested.
2.
At 25° C, f = 1MHz.
3.
Outputs deselected.
DC Characteristics
HMNR5128D
HMN5128DV
Symbol
Parameter
Test Condition
(1)
Min
Typ
Max
Min
Typ
Max
Unit
ILI
Input Leakage Current
0V ≤ VIN ≤ VCC
±
1
±
1
uA
ILO
(2)
Output Leakage Current
0V ≤ VOUT ≤ VCC
±
1
±
1
uA
ICC
Supply Current
Outputs open
8
15
4
10
mA
ICC1
Supply Current (Standby) TTL
/CE=VIH
5
3
mA
ICC2
Supply Current (Standby)
CMOS
/CE=VCC-0.2
3
2
mA
Battery Current OSC ON
575
800
575
800
nA
IBAT
Battery Current OSC
OFF
100
100
nA
VIL
Input Low Voltage
-0.3
0.8
-0.3
0.8
V
VIH
Input High Voltage
2.2
VCC+
0.3
2.0
VCC+
0.3
V
Output Low Voltage
IOL=2.1mA
0.4
0.4
V
VOL
Output Low Voltage
(open drain)
(4)
IOL=10mA
0.4
0.4
V
VOH
Output High Voltage
IOH=-1.0mA
2.4
2.4
V
VOHB
VOH Battery Back-up
IOUT2=-1.0uA
2.0
3.6
2.0
3.6
V
IOUT1
VOUT Current (Active)
VOUT1 > VCC-0.3
100
70
mA
IOUT2
VOUT Current (Battery Back-up)
VOUT2>VBAT-0.3
100
100
uA
VPFD
Power-fail Deselect Voltage
4.1
4.35
4.5
2.7
2.9
3.0
V
VSO
Battery Back-up Switchover
Voltage
3.0
VPFD-
100
mV
V
VBAT
Battery Voltage
3.0
3.0
V
Note: 1. Valid for Ambient Operating Temperature: TA =0 to 70° C or 40 to 85°C ;
VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. Outputs deselected.


Similar Part No. - HMNR5128D-85

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMNR5128D DLGHANBIT-HMNR5128D Datasheet
724Kb / 11P
   5.0 or 3.3V, 4 Mbit (512 Kbit x 8) TIMEKEEPER NVSRAM
HMNR5128DV DLGHANBIT-HMNR5128DV Datasheet
724Kb / 11P
   5.0 or 3.3V, 4 Mbit (512 Kbit x 8) TIMEKEEPER NVSRAM
HMNR5128DVLF-70 DLGHANBIT-HMNR5128DVLF-70 Datasheet
724Kb / 11P
   5.0 or 3.3V, 4 Mbit (512 Kbit x 8) TIMEKEEPER NVSRAM
HMNR5128DVLF-85 DLGHANBIT-HMNR5128DVLF-85 Datasheet
724Kb / 11P
   5.0 or 3.3V, 4 Mbit (512 Kbit x 8) TIMEKEEPER NVSRAM
More results

Similar Description - HMNR5128D-85

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMNR5128D DLGHANBIT-HMNR5128D Datasheet
724Kb / 11P
   5.0 or 3.3V, 4 Mbit (512 Kbit x 8) TIMEKEEPER NVSRAM
logo
Hanbit Electronics Co.,...
HMNR1288D HANBIT-HMNR1288D Datasheet
315Kb / 14P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
logo
DLG Hanbit co.,Ltd.
HMNR1288D DLGHANBIT-HMNR1288D Datasheet
727Kb / 11P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
logo
Hanbit Electronics Co.,...
HMNR88D HANBIT-HMNR88D Datasheet
258Kb / 13P
   5.0 or 3.3V, 64K bit (8 Kbit x 8) TIMEKEEPER NVSRAM
logo
DLG Hanbit co.,Ltd.
HMNR88D DLGHANBIT-HMNR88D Datasheet
741Kb / 12P
   5.0 or 3.3V, 64K bit (8 Kbit x 8) TIMEKEEPER NVSRAM
logo
Hanbit Electronics Co.,...
HMNR28D HANBIT-HMNR28D Datasheet
271Kb / 13P
   5.0 or 3.3V, 16K bit (2 Kbit x 8) TIMEKEEPER NVSRAM
HMNR328D HANBIT-HMNR328D Datasheet
302Kb / 13P
   5.0 or 3.3V, 256K bit (32 Kbit x 8) TIMEKEEPER NVSRAM
logo
DLG Hanbit co.,Ltd.
HMNR328D DLGHANBIT-HMNR328D Datasheet
716Kb / 10P
   5.0 or 3.3V, 256K bit (32 Kbit x 8) TIMEKEEPER NVSRAM
HMNR28D DLGHANBIT-HMNR28D Datasheet
836Kb / 11P
   5.0 or 3.3V, 16K bit (2 Kbit x 8) TIMEKEEPER NVSRAM
logo
STMicroelectronics
M48T129Y STMICROELECTRONICS-M48T129Y_05 Datasheet
481Kb / 30P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com