Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5749 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATA5749
Description  Fractional-N PLL Transmitter IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5749 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATA5749_09 Datasheet HTML 4Page - ATMEL Corporation ATA5749_09 Datasheet HTML 5Page - ATMEL Corporation ATA5749_09 Datasheet HTML 6Page - ATMEL Corporation ATA5749_09 Datasheet HTML 7Page - ATMEL Corporation ATA5749_09 Datasheet HTML 8Page - ATMEL Corporation ATA5749_09 Datasheet HTML 9Page - ATMEL Corporation ATA5749_09 Datasheet HTML 10Page - ATMEL Corporation ATA5749_09 Datasheet HTML 11Page - ATMEL Corporation ATA5749_09 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
9128D–RKE–01/09
ATA5749 [Preliminary]
The PCB loop antenna should not exceed a trace width of 1.5 mm otherwise the Q-factor of the
loop antenna is too high. C4 and C5 should be selected so that the XTO runs on the load reso-
nance frequency of the crystal. A crystal with a load capacitance of 9 pF is recommended for
proper start-up behavior and low current consumption. When determining values for C4 and C5,
a parasitic capacitance of 3 pF should be included. With value of 15 pF for C4 and C5, an effec-
tive load capacitance of 9 pF can be achieved e.g. 9 pF = (15 pF + 3 pF)/2. The supply V
S is
typically delivered from a single Li-Cell.
4.1.1
Antenna Impedance Matching
The maximum output power is achieved by using load impedances according to Table 4-1 and
Table 4-2 on page 9 and the output power. The load impedance Z
LOPT is defined as the imped-
ance seen from the ATA5749 ANT1, ANT2 into the matching network. This is not the output
impedance of the IC but essentially the peak voltage divided by the peak current with some addi-
tional parasitic effects (Cpar). Table 4-1 and Table 4-2 do not contain information pertaining to
C3 in Figure 4-2, which is an option for better matching at low power steps.
Figure 4-2 is the circuit that was used to obtain the typical output power measurements in Figure
4-3 on page 10 and typical current consumption in Figure 4-4 on page 10. Table 4-1 and Table
4-2 on page 9 provide recommended values and performance info at various output power lev-
els. For reference, Z
LOPT is defined as the impedance seen from the ATA5749 ANT1, ANT2 into
the matching network.
Figure 4-2.
Output Power Measurement Circuit
5
4
Power Meter
ANT1
50
Ω
ANT2
PA
C2
C3
C1
L1
Z
LOPT
VS


Similar Part No. - ATA5749_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5749-6DQ ATMEL-ATA5749-6DQ Datasheet
600Kb / 26P
   Fractional-N PLL Transmitter IC
ATA5749-6DQ ATMEL-ATA5749-6DQ Datasheet
693Kb / 26P
   Fractional-N PLL Transmitter IC
ATA5749C ATMEL-ATA5749C_14 Datasheet
1,013Kb / 26P
   Fractional-N PLL Transmitter IC
ATA5749 ATMEL-ATA5749_10 Datasheet
693Kb / 26P
   Fractional-N PLL Transmitter IC
ATA5749 ATMEL-ATA5749_14 Datasheet
1,013Kb / 26P
   Fractional-N PLL Transmitter IC
More results

Similar Description - ATA5749_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5749 ATMEL-ATA5749 Datasheet
600Kb / 26P
   Fractional-N PLL Transmitter IC
ATA5749 ATMEL-ATA5749_14 Datasheet
1,013Kb / 26P
   Fractional-N PLL Transmitter IC
ATA5749C ATMEL-ATA5749C_14 Datasheet
1,013Kb / 26P
   Fractional-N PLL Transmitter IC
ATA5749 ATMEL-ATA5749_10 Datasheet
693Kb / 26P
   Fractional-N PLL Transmitter IC
logo
NXP Semiconductors
OL2300 NXP-OL2300 Datasheet
1Mb / 46P
   Fractional-N PLL based transmitter
Rev. 2-28 October 2010
logo
Hittite Microwave Corpo...
HMC778LP6CE HITTITE-HMC778LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
HMC769LP6CE HITTITE-HMC769LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
HMC767LP6CE HITTITE-HMC767LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
logo
Fuji Electric
E421371 FUJI-E421371 Datasheet
323Kb / 29P
   Fractional-N PLL Frequency Synthesizer
logo
Analog Devices
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com