Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5279N-PLQW Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA5279N-PLQW
Description  Antenna Driver for Multiple Antennas
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5279N-PLQW Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA5279N-PLQW Datasheet HTML 5Page - ATMEL Corporation ATA5279N-PLQW Datasheet HTML 6Page - ATMEL Corporation ATA5279N-PLQW Datasheet HTML 7Page - ATMEL Corporation ATA5279N-PLQW Datasheet HTML 8Page - ATMEL Corporation ATA5279N-PLQW Datasheet HTML 9Page - ATMEL Corporation ATA5279N-PLQW Datasheet HTML 10Page - ATMEL Corporation ATA5279N-PLQW Datasheet HTML 11Page - ATMEL Corporation ATA5279N-PLQW Datasheet HTML 12Page - ATMEL Corporation ATA5279N-PLQW Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9
9125F–RKE–09/09
ATA5279N [Preliminary]
Figure 3-3.
Base Structure of the Diagnosis Module of One Output Channel
The structure above can be found in each of the six channels of ATA5279N. As soon as the
diagnosis mode is engaged, all channels are operated in this way. On the channel that is actu-
ally selected, the setting of the switches can be changed with the Set Coil Current command and
the status of the two connection lines can be checked with the Get Driver Setup command.
The two switches in the P line driver are controlled with one bit. That means, either the high-side
(S_HxP) or the low-side (S_LxP) switch is closed. The same is true for the N line driver (S_HxN,
S_LxN). The controlling bits c
0 and c1 are taken from the coil current selection register (see Sec-
tion 3.9.2 “General Command Description” on page 20 in this document).
Note that the setting of the switches is latched. That means, if the setting on the switches of the
selected driver is changed, the setting on the five other channels remains unchanged.
By a combination of test structures, many different faults, even between the coils, can be
detected.
As described in the principle schematic of a driver stage above, a test structure consists of two
switchable current sources (one to VDS and one to GND) and a comparator that converts the
voltage level on the line into a digital signal. The switches for the current sources can only be
controlled in diagnosis mode, with the corresponding coil being selected (see also Driver Com-
mand description). Note that one switch is always closed, either the high-side or the low-side
switch of one test structure. These structures are independent, i.e., they can be set up for each
line individually and at the same time.
The status of the connection lines of the selected coil can be read out with a SPI command.
In the following example, there is a short circuit between the positive coil connections of coil 1
and 2.
VDS
AGND
Driver x select
Latch
c0 bit
c0, 1 bits
c1 bit
VDS
AGND
S_HxN
c1 = '1'
S_LxN
c1 = '0'
AxN
AxP
S_HxP
c0 = '1'
S_LxP
c0 = '0'


Similar Part No. - ATA5279N-PLQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5279 ATMEL-ATA5279 Datasheet
693Kb / 35P
   Antenna Driver for Multiple Antennas
ATA5279 ATMEL-ATA5279 Datasheet
927Kb / 39P
   Antenna Driver for Multiple Antennas
ATA5279-PLQW ATMEL-ATA5279-PLQW Datasheet
693Kb / 35P
   Antenna Driver for Multiple Antennas
ATA5279C ATMEL-ATA5279C_14 Datasheet
1Mb / 37P
   Antenna Driver for Multiple Antennas
ATA5279P-PLPW ATMEL-ATA5279P-PLPW Datasheet
927Kb / 39P
   Antenna Driver for Multiple Antennas
More results

Similar Description - ATA5279N-PLQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5279 ATMEL-ATA5279_10 Datasheet
927Kb / 39P
   Antenna Driver for Multiple Antennas
ATA5279C ATMEL-ATA5279C_14 Datasheet
1Mb / 37P
   Antenna Driver for Multiple Antennas
ATA5279 ATMEL-ATA5279 Datasheet
693Kb / 35P
   Antenna Driver for Multiple Antennas
ATA5279 ATMEL-ATA5279_14 Datasheet
1Mb / 37P
   Antenna Driver for Multiple Antennas
logo
PHOENIX CONTACT
106760 PHOENIX-106760 Datasheet
661Kb / 12P
   Mobile antennas and antenna cables
2019-06-05
logo
Rohm
BD6934FV ROHM-BD6934FV Datasheet
306Kb / 13P
   Antenna Driver
logo
Pulse A Technitrol Comp...
W1047 PULSE-W1047 Datasheet
158Kb / 5P
   ANTENNAS
logo
Infineon Technologies A...
TLE92104-131 INFINEON-TLE92104-131 Datasheet
4Mb / 146P
   Multiple MOSFET Driver IC
Rev. 1.0 2020-09-21
TLE92104-232 INFINEON-TLE92104-232 Datasheet
4Mb / 148P
   Multiple MOSFET Driver IC
Rev. 1.0 2020-09-21
logo
Pulse A Technitrol Comp...
W3008C PULSE-W3008C Datasheet
1Mb / 7P
   Solutions for Mobile Phone Antennas
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com