Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA8204P3-TKQY Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATA8204P3-TKQY
Description  Industrial UHF ASK/FSK Receiver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8204P3-TKQY Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATA8204P3-TKQY Datasheet HTML 7Page - ATMEL Corporation ATA8204P3-TKQY Datasheet HTML 8Page - ATMEL Corporation ATA8204P3-TKQY Datasheet HTML 9Page - ATMEL Corporation ATA8204P3-TKQY Datasheet HTML 10Page - ATMEL Corporation ATA8204P3-TKQY Datasheet HTML 11Page - ATMEL Corporation ATA8204P3-TKQY Datasheet HTML 12Page - ATMEL Corporation ATA8204P3-TKQY Datasheet HTML 13Page - ATMEL Corporation ATA8204P3-TKQY Datasheet HTML 14Page - ATMEL Corporation ATA8204P3-TKQY Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
11
9121B–INDCO–04/09
ATA8203/ATA8204/ATA8205
The clock cycle of some function blocks depends on the selected baud-rate range (BR_Range),
which is defined in the OPMODE register. This clock cycle T
XClk is defined by the following
formulas:
BR_Range =
BR_Range0:
T
XClk = 8 × TClk
BR_Range1:
T
XClk = 4 × TClk
BR_Range2:
T
XClk = 2 × TClk
BR_Range3:
T
XClk = 1 × TClk
8.
Polling Mode
According to Figure 8-1 on page 12, the receiver stays in polling mode in a continuous cycle of
three different modes. In sleep mode the signal processing circuitry is disabled for the time
period T
Sleep while consuming low current of IS =ISoff. During the start-up period, TStartup, all sig-
nal processing circuits are enabled and settled. In the following bit-check mode, the incoming
data stream is analyzed bit-by-bit and compared with a valid transmitter signal. If no valid signal
is present, the receiver is set back to sleep mode after the period T
Bit-check. This period varies
according to each check as it is a statistical process. An average value for T
Bitcheck is given in the
electrical characteristics. During T
Startup and TBit-check, the current consumption is IS =ISon. The
condition of the receiver is indicated on pin IC_ACTIVE. The average current consumption in
polling mode is dependent on the duty cycle of the active mode and can be calculated as:
During T
Sleep and TStartup, the receiver is not sensitive to a transmitter signal. To guarantee the
reception of a transmitted command, the transmitter must start the telegram with an adequate
preburst. The required length of the preburst depends on the polling parameters T
Sleep, TStartup,
T
Bit-check and the start-up time of a connected microcontroller, TStart_microcontroller. Thus, TBit-check
depends on the actual bit rate and the number of bits (N
Bit-check) to be tested.
The following formula indicates how to calculate the preburst length.
T
Preburst ≥ TSleep + TStartup + TBit-check + TStart_microcontroller
8.1
Sleep Mode
The length of period T
Sleep is defined by the 5-bit word Sleep of the OPMODE register, the exten-
sion factor X
Sleep (according to Table 11-8 on page 27), and the basic clock cycle TClk. It is
calculated to be:
T
Sleep =Sleep × XSleep × 1024 × TClk
The maximum value of T
Sleep is about 60 ms if XSleep is set to 1. The time resolution is about
2 ms in that case. The sleep time can be extended to almost half a second by setting X
Sleep to 8.
X
Sleep can be set to 8 by bit XSleepStd to “1”.
Setting the configuration word Sleep to its maximal value puts the receiver into a permanent
sleep mode. The receiver remains in this state until another value for Sleep is programmed into
the OPMODE register. This is particularily useful when several devices share a single data line.
(It can also be used for microcontroller polling: using pin POLLING/_ON, the receiver can be
switched on and off.)
I
Spoll
I
Soff
T
Sleep
I
Son
T
Startup
T
Bit-check
+
()
×
+
×
T
Sleep
T
Startup
T
Bit-check
++
----------------------------------------------------------------------------------------------------------------
=


Similar Part No. - ATA8204P3-TKQY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA8204 ATMEL-ATA8204_14 Datasheet
1Mb / 45P
   Industrial UHF ASK/FSK Receiver
More results

Similar Description - ATA8204P3-TKQY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA8205 ATMEL-ATA8205_14 Datasheet
1Mb / 45P
   Industrial UHF ASK/FSK Receiver
ATA8203 ATMEL-ATA8203_14 Datasheet
1Mb / 45P
   Industrial UHF ASK/FSK Receiver
ATA8204 ATMEL-ATA8204_14 Datasheet
1Mb / 45P
   Industrial UHF ASK/FSK Receiver
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com