Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA8203P3-TKQY Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA8203P3-TKQY
Description  Industrial UHF ASK/FSK Receiver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8203P3-TKQY Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA8203P3-TKQY Datasheet HTML 5Page - ATMEL Corporation ATA8203P3-TKQY Datasheet HTML 6Page - ATMEL Corporation ATA8203P3-TKQY Datasheet HTML 7Page - ATMEL Corporation ATA8203P3-TKQY Datasheet HTML 8Page - ATMEL Corporation ATA8203P3-TKQY Datasheet HTML 9Page - ATMEL Corporation ATA8203P3-TKQY Datasheet HTML 10Page - ATMEL Corporation ATA8203P3-TKQY Datasheet HTML 11Page - ATMEL Corporation ATA8203P3-TKQY Datasheet HTML 12Page - ATMEL Corporation ATA8203P3-TKQY Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
9
9121B–INDCO–04/09
ATA8203/ATA8204/ATA8205
5.
Receiving Characteristics
The RF receiver ATA8203/ATA8204/ATA8205 can be operated with and without a SAW
front-end filter. In a typical automotive application, a SAW filter is used to achieve better selectiv-
ity and large signal capability. The receiving frequency response without a SAW front-end filter is
illustrated in Figure 5-1 “Narrow Band Receiving Frequency Response ATA8204”. This example
relates to ASK mode. FSK mode exhibits a similar behavior. The plots are printed relatively to
the maximum sensitivity. If a SAW filter is used, an insertion loss of about 3 dB must be consid-
ered, but the overall selectivity is much better.
When designing the system in terms of receiving bandwidth, the LO deviation must be consid-
ered as it also determines the IF center frequency. The total LO deviation is calculated, to be the
sum of the deviation of the crystal and the XTO deviation of the ATA8203/ATA8204/ATA8205.
Low-cost crystals are specified to be within ±90 ppm over tolerance, temperature, and aging.
The XTO deviation of the ATA8203/ATA8204/ATA8205 is an additional deviation due to the
XTO circuit. This deviation is specified to be ±10 ppm worst case for a crystal with CM = 7 fF. If
a crystal of ±90 ppm is used, the total deviation is ±100 ppm in that case. Note that the receiving
bandwidth and the IF-filter bandwidth are equivalent in ASK mode but not in FSK mode.
Figure 5-1.
Narrow Band Receiving Frequency Response ATA8204
10
0
-10
-20
-30
-40
-50
-60
-70
5.5V -40
˚C
4.5V -40
˚C
5V 25
˚C
5.5V 25
˚C
4.5V 25
˚C
5V -40
˚C
430
431
432
433
(MHz)
Image Rejection versus RF Frequency
434
435
436
437
438


Similar Part No. - ATA8203P3-TKQY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA8203 ATMEL-ATA8203_14 Datasheet
1Mb / 45P
   Industrial UHF ASK/FSK Receiver
More results

Similar Description - ATA8203P3-TKQY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA8205 ATMEL-ATA8205_14 Datasheet
1Mb / 45P
   Industrial UHF ASK/FSK Receiver
ATA8203 ATMEL-ATA8203_14 Datasheet
1Mb / 45P
   Industrial UHF ASK/FSK Receiver
ATA8204 ATMEL-ATA8204_14 Datasheet
1Mb / 45P
   Industrial UHF ASK/FSK Receiver
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com