Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK2017DPE-00-J3 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK2017DPE-00-J3
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK2017DPE-00-J3 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK2017DPE-00-J3 Datasheet HTML 1Page - Renesas Technology Corp RJK2017DPE-00-J3 Datasheet HTML 2Page - Renesas Technology Corp RJK2017DPE-00-J3 Datasheet HTML 3Page - Renesas Technology Corp RJK2017DPE-00-J3 Datasheet HTML 4Page - Renesas Technology Corp RJK2017DPE-00-J3 Datasheet HTML 5Page - Renesas Technology Corp RJK2017DPE-00-J3 Datasheet HTML 6Page - Renesas Technology Corp RJK2017DPE-00-J3 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJK2017DPE
REJ03G1589-0400 Rev.4.00 Dec 02, 2009
Page 2 of 6
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
200
V
ID = 10 mA, VGS = 0
Zero gate voltage drain current
IDSS
1
μA
VDS = 200 V, VGS = 0
Gate to source leak current
IGSS
±1
μA
VGS = ±30 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
2
4
V
VDS = 10 V, ID = 1 mA
Static drain to source on state
resistance
RDS(on)
0.036
0.047
Ω
ID = 22.5 A, VGS = 10 V
Note4
Input capacitance
Ciss
4800
pF
Output capacitance
Coss
290
pF
Reverse transfer capacitance
Crss
90
pF
VDS = 25 V
VGS = 0
f = 1 MHz
Turn-on delay time
td(on)
50
ns
Rise time
tr
40
ns
Turn-off delay time
td(off)
95
ns
Fall time
tf
40
ns
ID = 22.5 A
VGS = 10 V
RL = 4.5 Ω
Rg = 10
Ω
Total gate charge
Qg
66
nC
Gate to source charge
Qgs
26
nC
Gate to drain charge
Qgd
16
nC
VDD = 160 V
VGS = 10 V
ID = 45 A
Body-drain diode forward voltage
VDF
0.88
1.35
V
IF = 45 A, VGS = 0
Note4
Body-drain diode reverse recovery time
trr
150
ns
IF = 45 A, VGS = 0
diF/dt = 100 A/μs
Notes: 4. Pulse test


Similar Part No. - RJK2017DPE-00-J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK2017DPP RENESAS-RJK2017DPP Datasheet
172Kb / 4P
   Silicon N Channel MOS FET High Speed Power Switching
RJK2017DPP-00-T2 RENESAS-RJK2017DPP-00-T2 Datasheet
172Kb / 4P
   Silicon N Channel MOS FET High Speed Power Switching
RJK2017DPP-M0 RENESAS-RJK2017DPP-M0 Datasheet
86Kb / 7P
   200V - 45A - MOS FET High Speed Power Switching
RJK2017DPP-M0 RENESAS-RJK2017DPP-M0_15 Datasheet
86Kb / 7P
   200V - 45A - MOS FET High Speed Power Switching
RJK2017DPP RENESAS-RJK2017DPP_11 Datasheet
106Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJK2017DPE-00-J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com