Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C256C-SSHL-B Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT24C256C-SSHL-B
Description  Two-wire Serial EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256C-SSHL-B Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT24C256C-SSHL-B Datasheet HTML 2Page - ATMEL Corporation AT24C256C-SSHL-B Datasheet HTML 3Page - ATMEL Corporation AT24C256C-SSHL-B Datasheet HTML 4Page - ATMEL Corporation AT24C256C-SSHL-B Datasheet HTML 5Page - ATMEL Corporation AT24C256C-SSHL-B Datasheet HTML 6Page - ATMEL Corporation AT24C256C-SSHL-B Datasheet HTML 7Page - ATMEL Corporation AT24C256C-SSHL-B Datasheet HTML 8Page - ATMEL Corporation AT24C256C-SSHL-B Datasheet HTML 9Page - ATMEL Corporation AT24C256C-SSHL-B Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
AT24C256C [Preliminary]
8568A–SEEPR–9/09
3.
Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an external device. Data on the SDA pin
may change only during SCL low time periods (refer to Figure 2). Data changes during SCL high periods will indicate a
start or stop condition as defined below.
Figure 2.
Data Validity
SDA
SCL
DATA STABLE
DATA STABLE
DATA
CHANGE
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition that must precede any other
command (refer to Figure 3).
Figure 3.
Start and Stop Definition
SDA
SCL
O
T
S
T
R
A
T
S
P
STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the stop
command will place the EEPROM in a standby power mode (refer to Figure 3).
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words. The
EEPROM sends a “0” during the ninth clock cycle to acknowledge that it has received each word.
STANDBY MODE: The AT24C256C features a low-power standby mode that is enabled upon power-up and after the
receipt of the stop bit and the completion of any internal operations.


Similar Part No. - AT24C256C-SSHL-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256C-SSHL-B ATMEL-AT24C256C-SSHL-B Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
More results

Similar Description - AT24C256C-SSHL-B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com