Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF51232J4V-120 Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

Part # HMF51232J4V-120
Description  FLASH-ROM MODULE 2MByte (512K x32-Bit) - 68-Pin JLCC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF51232J4V-120 Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

Back Button HMF51232J4V-120 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF51232J4V-120 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF51232J4V-120 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF51232J4V-120 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF51232J4V-120 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF51232J4V-120 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF51232J4V-120 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF51232J4V-120 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HMF51232J4V-120 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HANBit
HMF51232J4V
URL: www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02(August,2002)
6
u Write/Erase/Program Operations
Alternate /CE Controlled Writes
PARAMETER SYMBOLS
JEDEC
STANDARD
DESCRIPTION
-55
-90
UNIT
tAVAV
tWC
Write Cycle Time
Min
55
90
ns
tAVEL
tAS
Address Setup Time
Min
0
0
ns
tELAX
tAH
Address Hold Time
Min
45
45
ns
tDVEH
tDS
Data Setup Time
Min
35
45
ns
tEHDX
tDH
Data Hold Time
Min
0
0
ns
tOES
Output Enable Setup Time
Min
0
0
ns
tGHEL
tGHEL
Read Recover Time Before Write
Min
0
0
ns
tWLEL
tWS
/WE Setup Time
Min
0
0
ns
tEHWH
tWH
/WE Hold Time
Min
0
0
ns
tELEH
tCP
/CE Pulse Width
Min
35
35
ns
tEHEL
tCPH
/CE Pulse Width High
Min
30
30
ns
tWHWH1
tWHWH1
Byte Programming Operation
Typ
9
9
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note)
Typ
0.7
0.7
sec
Notes : This does not include the preprogramming time.


Similar Part No. - HMF51232J4V-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF51232J4 HANBIT-HMF51232J4 Datasheet
418Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit) - 68-Pin JLCC
HMF51232J4-120 HANBIT-HMF51232J4-120 Datasheet
418Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit) - 68-Pin JLCC
HMF51232J4-55 HANBIT-HMF51232J4-55 Datasheet
418Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit) - 68-Pin JLCC
HMF51232J4-70 HANBIT-HMF51232J4-70 Datasheet
418Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit) - 68-Pin JLCC
HMF51232J4-90 HANBIT-HMF51232J4-90 Datasheet
418Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit) - 68-Pin JLCC
More results

Similar Description - HMF51232J4V-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF51232J4 HANBIT-HMF51232J4 Datasheet
418Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit) - 68-Pin JLCC
HMS51232J4 HANBIT-HMS51232J4 Datasheet
69Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 68-Pin JLCC Packaging
HMS51232J4A HANBIT-HMS51232J4A Datasheet
163Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 68-Pin JLCC Packaging
HMF51232M4G HANBIT-HMF51232M4G Datasheet
418Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4D HANBIT-HMF51232M4D Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4V HANBIT-HMF51232M4V Datasheet
421Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4S HANBIT-HMF51232M4S Datasheet
420Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4Y HANBIT-HMF51232M4Y Datasheet
417Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMS51232J4V HANBIT-HMS51232J4V Datasheet
160Kb / 7P
   SRAM MODULE 2Mbyte (512Kx32Bit), 68-Pin JLCC Packaging,3.3V
HMF4M16J4V HANBIT-HMF4M16J4V Datasheet
407Kb / 11P
   Flash-ROM Module 8MByte (4Mx16bit), 68-pin JLCC type, 3.3V Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com