Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C256C Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT24C256C
Description  Two-wire Serial EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256C Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT24C256C Datasheet HTML 5Page - ATMEL Corporation AT24C256C Datasheet HTML 6Page - ATMEL Corporation AT24C256C Datasheet HTML 7Page - ATMEL Corporation AT24C256C Datasheet HTML 8Page - ATMEL Corporation AT24C256C Datasheet HTML 9Page - ATMEL Corporation AT24C256C Datasheet HTML 10Page - ATMEL Corporation AT24C256C Datasheet HTML 11Page - ATMEL Corporation AT24C256C Datasheet HTML 12Page - ATMEL Corporation AT24C256C Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AT24C256C [Preliminary]
9
8568A–SEEPR–9/09
4.
Device Addressing
The 256K EEPROM requires an 8-bit device address word following a start condition to enable the chip for a read or
write operation (refer to Figure 8). The device address word consists of a mandatory “1”, “0” sequence for the first four
most significant bits as shown. This is common to all two-wire EEPROM devices.
Figure 8.
Device Addressing
1
0
1
0
A2
A1
A0
R/W
MSB
LSB
The next three bits are the A2, A1, A0 device address bits to allow as many as eight devices on the same bus. These
bits must compare to their corresponding hardwired input pins. The A2, A1, and A0 pins use an internal proprietary
circuit that biases them to a logic low condition if the pins are allowed to float.
The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if this bit is high,
and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a “0”. If a compare is not made, the device will return
to a standby state.
DATA SECURITY: The AT24C256C has a hardware data protection scheme that allows the user to write protect the
whole memory when the WP pin is at V
CC.


Similar Part No. - AT24C256C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C Datasheet
416Kb / 23P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256C ATMEL-AT24C256C Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT24C256C-CUL-T ATMEL-AT24C256C-CUL-T Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT24C256C-MAHL-T ATMEL-AT24C256C-MAHL-T Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT24C256C-PU ATMEL-AT24C256C-PU Datasheet
416Kb / 23P
   Two-wire Serial EEPROM 256K (32,768 x 8)
More results

Similar Description - AT24C256C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com