Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C02B Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT24C02B
Description  Two-wire Automotive Temperature Serial EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C02B Datasheet(HTML) 4 Page - ATMEL Corporation

  AT24C02B Datasheet HTML 1Page - ATMEL Corporation AT24C02B Datasheet HTML 2Page - ATMEL Corporation AT24C02B Datasheet HTML 3Page - ATMEL Corporation AT24C02B Datasheet HTML 4Page - ATMEL Corporation AT24C02B Datasheet HTML 5Page - ATMEL Corporation AT24C02B Datasheet HTML 6Page - ATMEL Corporation AT24C02B Datasheet HTML 7Page - ATMEL Corporation AT24C02B Datasheet HTML 8Page - ATMEL Corporation AT24C02B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
8517C–SEEPR–01/09
AT24C01B/02B/04B/08B
Note:
1. This parameter is characterized and is not 100% tested.
Note:
1. V
IL min and VIH max are reference only and are not tested.
Table 5-1.
Pin Capacitance(1)
Applicable over recommended operating range from T
A = 25°C, f = 400 KHz, VCC = +2.5V
Symbol
Test Condition
Max
Units
Conditions
CI/O
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
C
IN
Input Capacitance (A
0, A1, A2, SCL)
6
pF
V
IN = 0V
Table 5-2.
DC Characteristics
Applicable over recommended operating range from: T
A = −40°C to +125°C, VCC = +2.5V to +5.5V (unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC1
Supply Voltage
2.5
5.5
V
ICC
Supply Current VCC = 5.0V
Read at 100 kHz
0.4
1.0
mA
I
CC
Supply Current V
CC = 5.0V
Write at 100 kHz
2.0
3.0
mA
ISB1
Standby Current VCC = 2.5V
VIN = VCC or VSS
1.6
4.0
µA
ISB2
Standby Current VCC = 5.0V
VIN = VCC or VSS
8.0
18.0
µA
I
LI
Input Leakage Current
V
IN = VCC or VSS
0.10
3.0
µA
ILO
Output Leakage Current
VOUT = VCC or VSS
0.05
3.0
µA
VIL
Input Low Level
(1)
−0.6
VCC x 0.3
V
V
IH
Input High Level
(1)
V
CC x 0.7
V
CC + 0.5
V
VOL
Output Low Level VCC = 2.5V
IOL = 3.0 mA
0.4
V


Similar Part No. - AT24C02B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B Datasheet
466Kb / 20P
   Two-wire Serial EEPROM
AT24C02B ATMEL-AT24C02B Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24C02B ATMEL-AT24C02B Datasheet
512Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02B-10PU-1.8 ATMEL-AT24C02B-10PU-1.8 Datasheet
466Kb / 20P
   Two-wire Serial EEPROM
AT24C02B-10TSU-1.8 ATMEL-AT24C02B-10TSU-1.8 Datasheet
466Kb / 20P
   Two-wire Serial EEPROM
More results

Similar Description - AT24C02B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24HC02B ATMEL-AT24HC02B_09 Datasheet
399Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C11 ATMEL-AT24C11 Datasheet
392Kb / 14P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B_0701 ATMEL-AT24HC02B_0701 Datasheet
504Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C01A ATMEL-AT24C01A_07 Datasheet
495Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24C32A ATMEL-AT24C32A_05 Datasheet
281Kb / 17P
   Two-wire Automotive Serial EEPROM
AT24C01A ATMEL-AT24C01A_04 Datasheet
300Kb / 19P
   Two-wire Automotive Serial EEPROM
AT24C04A ATMEL-AT24C04A Datasheet
523Kb / 20P
   Two-wire Serial EEPROM Extended Temperature
AT24C01B ATMEL-AT24C01B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com