Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT86RF231-ZF Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT86RF231-ZF
Description  Low Power 2.4 GHz Transceiver for ZigBee
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF231-ZF Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT86RF231-ZF Datasheet HTML 6Page - ATMEL Corporation AT86RF231-ZF Datasheet HTML 7Page - ATMEL Corporation AT86RF231-ZF Datasheet HTML 8Page - ATMEL Corporation AT86RF231-ZF Datasheet HTML 9Page - ATMEL Corporation AT86RF231-ZF Datasheet HTML 10Page - ATMEL Corporation AT86RF231-ZF Datasheet HTML 11Page - ATMEL Corporation AT86RF231-ZF Datasheet HTML 12Page - ATMEL Corporation AT86RF231-ZF Datasheet HTML 13Page - ATMEL Corporation AT86RF231-ZF Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 198 page
background image
10
8111C–MCU Wireless–09/09
AT86RF231
4.
General Circuit Description
This single-chip radio transceiver provides a complete radio transceiver interface between an
antenna and a microcontroller. It comprises the analog radio, digital modulation and demodula-
tion including time and frequency synchronization and data buffering. The number of external
components is minimized such that only the antenna, the crystal and decoupling capacitors are
required. The bidirectional differential antenna pins (RFP, RFN) are used for transmission and
reception, thus no external antenna switch is needed.
The AT86RF231 block diagram is shown in Figure 4-1 on page 10.
Figure 4-1.
AT86RF231 Block Diagram
The received RF signal at pins RFN and RFP is differentially fed through the low-noise amplifier
(LNA) to the RF filter (PPF) to generate a complex signal, driving the integrated channel filter
(BPF). The limiting amplifier provides sufficient gain to drive the succeeding analog-to-digital
converter (ADC) and generates a digital RSSI signal. The ADC output signal is sampled by the
digital base band receiver (RX BBP).
The transmit modulation scheme is offset-QPSK (O-QPSK) with half-sine pulse shaping and 32-
length block coding (spreading) according to [1] and [2]. The modulation signal is generated in
the digital transmitter (TX BBP) and applied to the fractional-N frequency synthesis (PLL), to
ensure the coherent phase modulation required for demodulation of O-QPSK signals. The fre-
quency-modulated signal is fed to the power amplifier (PA).
A differential pin pair DIG3/DIG4 can be enabled to control an external RF front-end.
Two on-chip low-dropout voltage regulators (A|DVREG) provide the analog and digital 1.8V
supply.
AVREG
LNA
PLL
PA
PPF
BPF
Limiter
ADC
AGC
ext. PA and Power
Control
Configuration Registers
SPI
(Slave)
RSSI
IRQ
CLKM
/RST
SLP_TR
/SEL
MISO
MOSI
SCLK
DIG3/4
RFP
RFN
TX Data
Control Logic
DIG2
Antenna Diversity
FTN, BATMON
XOSC
Analog Domain
Digital Domain
AES
DIG1/2
AD
DVREG
RX BBP
Frame
Buffer
TX BBP


Similar Part No. - AT86RF231-ZF

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU Datasheet
3Mb / 180P
   Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
More results

Similar Description - AT86RF231-ZF

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
ZMN2405HP RFM-ZMN2405HP Datasheet
326Kb / 6P
   2.4 GHz ZigBee Transceiver Module
logo
Laird Tech Smart Techno...
450-0035 LSTD-450-0035 Datasheet
1Mb / 33P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
logo
ATMEL Corporation
AT86RF231 ATMEL-AT86RF231 Datasheet
3Mb / 180P
   Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
logo
Laird Tech Smart Techno...
450-0075 LSTD-450-0075 Datasheet
1Mb / 46P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230_07 Datasheet
967Kb / 98P
   Low Power 2.4 GHz Radio Transceiver for ZigBee??and IEEE 802.15.4??Applications
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230_09 Datasheet
1Mb / 98P
   Low Power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, 6LoWPAN, RF4CE and ISM
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Dorji Industrial Group ...
DZM5168M DORJI-DZM5168M Datasheet
293Kb / 17P
   2.4-GHz Low Energy Zigbee Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com