Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ATXMEGA128A1-AU Datasheet(PDF) 1 Page - ATMEL Corporation

Part No. ATXMEGA128A1-AU
Description  8/16-bit XMEGA A1 Microcontroller
Download  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

 
 1 page
background image
Features
High-performance, Low-power 8/16-bit AVR XMEGA Microcontroller
Non-Volatile Program and Data Memories
– 64K - 384K Bytes of In-System Self-Programmable Flash
– 4K - 8K Bytes Boot Section with Independent Lock Bits
– 2 KB - 4 KB EEPROM
– 4 KB - 32 KB Internal SRAM
External Bus Interface for up to 16M bytes SRAM
External Bus Interface for up to 128M bit SDRAM
Peripheral Features
– Four-channel DMA Controller with support for external requests
– Eight-channel Event System
– Eight 16-bit Timer/Counters
Four Timer/Counters with 4 Output Compare or Input Capture channels
Four Timer/Counters with 2 Output Compare or Input Capture channels
High-Resolution Extension on all Timer/Counters
Advanced Waveform Extension on two Timer/Counters
– Eight USARTs
IrDA modulation/demodulation for one USART
– Four Two-Wire Interfaces with dual address match (I2C and SMBus compatible)
– Four SPI (Serial Peripheral Interface) peripherals
– AES and DES Crypto Engine
– 16-bit Real Time Counter with separate Oscillator
– Two Eight-channel, 12-bit, 2 Msps Analog to Digital Converters
– Two Two-channel, 12-bit, 1 Msps Digital to Analog Converters
– Four Analog Comparators with Window compare function
– External Interrupts on all General Purpose I/O pins
– Programmable Watchdog Timer with Separate On-chip Ultra Low Power Oscillator
Special Microcontroller Features
– Power-on Reset and Programmable Brown-out Detection
– Internal and External Clock Options with PLL and Prescaler
– Programmable Multi-level Interrupt Controller
– Sleep Modes: Idle, Power-down, Standby, Power-save, Extended Standby
– Advanced Programming, Test and Debugging Interfaces
JTAG (IEEE 1149.1 Compliant) Interface for programming, test and debugging
PDI (Program and Debug Interface) for programming and debugging
I/O and Packages
– 78 Programmable I/O Lines
– 100 - lead TQFP
– 100 - ball CBGA
– 100 - ball VFBGA
Operating Voltage
– 1.6 – 3.6V
Speed performance
– 0 – 12 MHz @ 1.6 – 3.6V
– 0 – 32 MHz @ 2.7 – 3.6V
Typical Applications
Industrial control
Climate control
Hand-held battery applications
Factory automation
ZigBee
Power tools
Building control
Motor control
HVAC
Board control
Networking
Metering
White Goods
Optical
Medical Applications
8/16-bit
XMEGA A1
Microcontroller
ATxmega384A1
ATxmega256A1
ATxmega192A1
ATxmega128A1
ATxmega64A1
Preliminary
8067I–AVR–04/09




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl