Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATXMEGA192A1-AU Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATXMEGA192A1-AU
Description  8/16-bit XMEGA A1 Microcontroller
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA192A1-AU Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATXMEGA192A1-AU Datasheet HTML 5Page - ATMEL Corporation ATXMEGA192A1-AU Datasheet HTML 6Page - ATMEL Corporation ATXMEGA192A1-AU Datasheet HTML 7Page - ATMEL Corporation ATXMEGA192A1-AU Datasheet HTML 8Page - ATMEL Corporation ATXMEGA192A1-AU Datasheet HTML 9Page - ATMEL Corporation ATXMEGA192A1-AU Datasheet HTML 10Page - ATMEL Corporation ATXMEGA192A1-AU Datasheet HTML 11Page - ATMEL Corporation ATXMEGA192A1-AU Datasheet HTML 12Page - ATMEL Corporation ATXMEGA192A1-AU Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 99 page
background image
9
8067I–AVR–04/09
XMEGA A1
concept enables instructions to be executed in every clock cycle. The program memory is In-
System Self-Programmable Flash memory.
6.3
Register File
The fast-access Register File contains 32 x 8-bit general purpose working registers with single
clock cycle access time. This allows single-cycle Arithmetic Logic Unit (ALU) operation. In a typ-
ical ALU cycle, the operation is performed on two Register File operands, and the result is stored
back in the Register File.
Six of the 32 registers can be used as three 16-bit address register pointers for data space
addressing - enabling efficient address calculations. One of these address pointers can also be
used as an address pointer for look up tables in Flash program memory.
6.4
ALU - Arithmetic Logic Unit
The high performance Arithmetic Logic Unit (ALU) supports arithmetic and logic operations
between registers or between a constant and a register. Single register operations can also be
executed. Within a single clock cycle, arithmetic operations between general purpose registers
or between a register and an immediate are executed. After an arithmetic or logic operation, the
Status Register is updated to reflect information about the result of the operation.
The ALU operations are divided into three main categories – arithmetic, logical, and bit-func-
tions. Both 8- and 16-bit arithmetic is supported, and the instruction set allows for efficient
implementation of 32-bit aritmetic. The ALU also provides a powerful multiplier supporting both
signed and unsigned multiplication and fractional format.
6.5
Program Flow
When the device is powered on, the CPU starts to execute instructions from the lowest address
in the Flash Program Memory ‘0’. The Program Counter (PC) addresses the next instruction to
be fetched. After a reset, the PC is set to location ‘0’.
Program flow is provided by conditional and unconditional jump and call instructions, capable of
addressing the whole address space directly. Most AVR instructions use a 16-bit word format,
while a limited number uses a 32-bit format.
During interrupts and subroutine calls, the return address PC is stored on the Stack. The Stack
is effectively allocated in the general data SRAM, and consequently the Stack size is only limited
by the total SRAM size and the usage of the SRAM. After reset the Stack Pointer (SP) points to
the highest address in the internal SRAM. The SP is read/write accessible in the I/O memory
space, enabling easy implementation of multiple stacks or stack areas. The data SRAM can
easily be accessed through the five different addressing modes supported in the AVR CPU.


Similar Part No. - ATXMEGA192A1-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA192A1-AU ATMEL-ATXMEGA192A1-AU Datasheet
1Mb / 82P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA192A1-AU ATMEL-ATXMEGA192A1-AU Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
More results

Similar Description - ATXMEGA192A1-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATCMEGA384A1 ATMEL-ATCMEGA384A1 Datasheet
1Mb / 82P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A4_0808 ATMEL-ATXMEGA128A4_0808 Datasheet
937Kb / 74P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA384A1 ATMEL-ATXMEGA384A1_10 Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA128A4_1012 ATMEL-ATXMEGA128A4_1012 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com