Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT68166HT-YS20MQ Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT68166HT-YS20MQ
Description  Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT68166HT-YS20MQ Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT68166HT-YS20MQ Datasheet HTML 5Page - ATMEL Corporation AT68166HT-YS20MQ Datasheet HTML 6Page - ATMEL Corporation AT68166HT-YS20MQ Datasheet HTML 7Page - ATMEL Corporation AT68166HT-YS20MQ Datasheet HTML 8Page - ATMEL Corporation AT68166HT-YS20MQ Datasheet HTML 9Page - ATMEL Corporation AT68166HT-YS20MQ Datasheet HTML 10Page - ATMEL Corporation AT68166HT-YS20MQ Datasheet HTML 11Page - ATMEL Corporation AT68166HT-YS20MQ Datasheet HTML 12Page - ATMEL Corporation AT68166HT-YS20MQ Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
7843A–AERO–10/09
AT68166HT
AC Characteristics
Temperature Range:................................................................................................. -55 +125
°C
Supply Voltage: ........................................................................................................... 3.3 +0.3V
Input Pulse Levels: ................................................................................................. GND to 3.0V
Input Rise and Fall Times:................................................................................... 3ns (10 - 90%)
Input and Output Timing Reference Levels: ........................................................................ 1.5V
Output Loading IOL/IOH:........................................................................................... See Figure 4
Figure 4. AC Test Loads Waveforms
Write Cycle
Table 4. Write cycle timings(1)
Notes: 1. Timings figures applicable for 8-bit, 16-bit and 32-bit mode.
2. Parameters guaranteed, not tested, with output loading 5 pF. (See “AC Test Loads Wave-
forms” on page 9.)
Specific (TWLQZ, TWHQX, TELQX, TEHQZ
TGLQX, TGHQZ)
General
Symbol
Parameter
AT68166HT-25
AT68166HT-20
AT68166HT-18
(preliminary)
Unit
min
max
min
max
min
max
TAVAW
Write cycle time
20
-
20
-
18
-
ns
TAVWL
Address set-up time
2
-
2
-
2
-
ns
TAVWH
Address valid to end of write
14
-
11
-
10
-
ns
TDVWH
Data set-up time
9
-
8
-
7
-
ns
TELWH
CS low to write end
12
-
12
-
11
-
ns
TWLQZ
Write low to high Z(2)
-10-
10
-
9
ns
TWLWH
Write pulse width
12
-
9
-
9
-
ns
TWHAX
Address hold from end of
write
0-0
-
0-
ns
TWHDX
Data hold time
2
-
1
-
1
-
ns
TWHQX
Write high to low Z(2)
5-5
-
5-
ns


Similar Part No. - AT68166HT-YS20MQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166H ATMEL-AT68166H Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H-YM20-E ATMEL-AT68166H-YM20-E Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H-YM20-SCC ATMEL-AT68166H-YM20-SCC Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H-YM20MQ ATMEL-AT68166H-YM20MQ Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H-YM20SR ATMEL-AT68166H-YM20SR Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
More results

Similar Description - AT68166HT-YS20MQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166FT ATMEL-AT68166FT_09 Datasheet
381Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi- Chip Module
AT68166FT ATMEL-AT68166FT Datasheet
333Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166F ATMEL-AT68166F_1 Datasheet
375Kb / 18P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H ATMEL-AT68166H Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166F ATMEL-AT68166F Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
logo
Aeroflex Circuit Techno...
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
logo
ATMEL Corporation
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com