Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT68166HT-YM25SR Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT68166HT-YM25SR
Description  Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT68166HT-YM25SR Datasheet(HTML) 1 Page - ATMEL Corporation

  AT68166HT-YM25SR Datasheet HTML 1Page - ATMEL Corporation AT68166HT-YM25SR Datasheet HTML 2Page - ATMEL Corporation AT68166HT-YM25SR Datasheet HTML 3Page - ATMEL Corporation AT68166HT-YM25SR Datasheet HTML 4Page - ATMEL Corporation AT68166HT-YM25SR Datasheet HTML 5Page - ATMEL Corporation AT68166HT-YM25SR Datasheet HTML 6Page - ATMEL Corporation AT68166HT-YM25SR Datasheet HTML 7Page - ATMEL Corporation AT68166HT-YM25SR Datasheet HTML 8Page - ATMEL Corporation AT68166HT-YM25SR Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Features
16 Mbit SRAM Multi Chip Module
Allows 32-, 16- or 8-bit access configuration
Operating Voltage: 3.3V + 0.3V, 5V Tolerant
Access Time:
– 25 ns
– 20 ns
– 18 ns (preliminary information)
Very Low Power Consumption
– Active: 595 mW per byte (Max) @ 20 ns(1), 415mW per byte (Max) @ 50ns(2)
– Standby: 15 mW (Typ)
Military Temperature Range: -55 to +125°C
TTL-Compatible Inputs and Outputs
Asynchronous
Die manufactured on Atmel 0.25 µm Radiation Hardened Process
No Single Event Latch Up below LET Threshold of 80 MeV/mg/cm2@125°C
Tested up to a Total Dose of 300 krads (Si) according to MIL-STD-883 Method 1019
ESD better than 2000V
Quality Grades:
– QML-Q or V
–ESCC
950 Mils Wide MQFPT68 Package
Mass : 8.5 grams
Notes: 1. For AT68166HT-20 only. 540mW for AT68166HT-25.
2. For AT68166HT-20 only. 450mW for AT68166HT-25.
Description
The AT68166HT is a 16Mbit SRAM packaged in a hermetic Multi Chip Module (MCM)
for space applications.
The AT68166HT MCM incorporates four 4Mbit AT60142HT SRAM dice. It can be
organized as either one bank of 512Kx8, two banks of 512Kx16 or four banks of
512Kx8. It combines rad-hard capabilities, a latch-up threshold of 80MeV.cm²/mg, a
Multiple Bit Upset immunity and a total dose tolerance of 300Krads, with a fast access
time.
The MCM packaging technology allows a reduction of the PCB area by 50% with a
weight savings of 75% compared to four 4Mbit packages.
Thanks to the small size of the 4Mbit SRAM die, Atmel has been able to accommo-
date the assembly of the four dice on one side of the package which facilitates the
power dissipation.
The compatibility with other products allows designers to easily migrate to the Atmel
AT68166HT memory.
The AT68166HT is powered at 3.3V and is 5V tolerant.
The AT68166HT is processed according to the test methods of the latest revision of
the MIL-PRF-38535 or the ESCC 9000.
7843A–AERO–10/09
Rad Hard
16 MegaBit 3.3V
5V Tolerant
SRAM Multi-
Chip Module
AT68166HT


Similar Part No. - AT68166HT-YM25SR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166H ATMEL-AT68166H Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H-YM20-E ATMEL-AT68166H-YM20-E Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H-YM20-SCC ATMEL-AT68166H-YM20-SCC Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H-YM20MQ ATMEL-AT68166H-YM20MQ Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H-YM20SR ATMEL-AT68166H-YM20SR Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
More results

Similar Description - AT68166HT-YM25SR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166FT ATMEL-AT68166FT_09 Datasheet
381Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi- Chip Module
AT68166FT ATMEL-AT68166FT Datasheet
333Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166F ATMEL-AT68166F_1 Datasheet
375Kb / 18P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H ATMEL-AT68166H Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166F ATMEL-AT68166F Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
logo
Aeroflex Circuit Techno...
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
logo
ATMEL Corporation
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com