Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62364FPDF1J Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M62364FPDF1J
Description  8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62364FPDF1J Datasheet(HTML) 7 Page - Renesas Technology Corp

  M62364FPDF1J Datasheet HTML 1Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 2Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 3Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 4Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 5Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 6Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 7Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 8Page - Renesas Technology Corp M62364FPDF1J Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
M62364FP/GP
REJ03D0875-0400 Rev.4.00 Oct 02, 2009
Page 7 of 8
Package Dimensions
F
1
12
13
24
*2
*3
Index mark
y
e
bp
D
c
Detail F
A1
A2
INCLUDE TRIM OFFSET.
DIMENSION "*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "*1" AND "*2"
1.
2.
A1
0
0.1
0.2
Previous Code
JEITA Package Code
RENESAS Code
PRSP0024GA-A
24P2Q-A
MASS[Typ.]
0.2g
P-SSOP24-5.3x10.1-0.80
0.25
0.2
0.18
0.45
0.35
0.3
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
10.2
10.1
10.0
D
5.4
5.3
5.2
E
1.8
A2
8.1
7.8
7.5
2.1
A
0.8
0.6
0.4
L
c
0.8
e
0.10
y
HE
bp
0.65
0.95
0.77
0.53
A1
HE
y
0.10
e
0.65
c
10°
L
0.3
0.5
0.7
0
0.1
0.2
A
1.45
7.4
7.6
7.8
A2
1.15
E
5.5
5.6
5.7
D
7.7
7.8
7.9
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.13
0.15
0.2
P-LSSOP24-5.6x7.8-0.65
0.1g
MASS[Typ.]
24P2E-A
PLSP0024JA-A
RENESAS Code
JEITA Package Code
Previous Code
bp
0.17
0.22
0.32
*2
*3
F
24
13
12
1
Index mark
y
c
D
bp
e
Detail F
A1
A2
INCLUDE TRIM OFFSET.
DIMENSION "*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "*1" AND "*2"
1.
2.


Similar Part No. - M62364FPDF1J

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62364FP MITSUBISHI-M62364FP Datasheet
41Kb / 6P
   8-BIT 8-CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62364FP RENESAS-M62364FP Datasheet
109Kb / 8P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
M62364FPGP RENESAS-M62364FPGP_15 Datasheet
139Kb / 11P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
More results

Similar Description - M62364FPDF1J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20178NP RENESAS-R2A20178NP Datasheet
182Kb / 8P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
R2A20178NP RENESAS-R2A20178NP_15 Datasheet
182Kb / 8P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
M62364FPGP RENESAS-M62364FPGP_15 Datasheet
139Kb / 11P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
M62381FP RENESAS-M62381FP Datasheet
1Mb / 6P
   8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
M62364FP RENESAS-M62364FP Datasheet
109Kb / 8P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62381FP MITSUBISHI-M62381FP Datasheet
48Kb / 5P
   8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62353AGP RENESAS-M62353AGP Datasheet
113Kb / 9P
   8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P_15 Datasheet
119Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
R2A20168NP RENESAS-R2A20168NP Datasheet
473Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P Datasheet
131Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com