Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX24064ASAS0A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R1EX24064ASAS0A
Description  Two-wire serial interface 64k EEPROM (8-kword 8-bit)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24064ASAS0A Datasheet(HTML) 1 Page - Renesas Technology Corp

  R1EX24064ASAS0A Datasheet HTML 1Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 2Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 3Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 4Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 5Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 6Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 7Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 8Page - Renesas Technology Corp R1EX24064ASAS0A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
R1EX24064ASAS0A
R1EX24064ATAS0A
Two-wire serial interface
64k EEPROM (8-kword
× 8-bit)
REJ03C0332-0200
Rev.2.00
Oct. 26, 2009
Description
R1EX24xxx series are two-wire serial interface EEPROM (Electrically Erasable and Programmable
ROM). They realize high speed, low power consumption and a high level of reliability by employing
advanced MONOS memory technology and CMOS process and low voltage circuitry technology. They
also have a 32-byte page programming function to make their write operation faster.
Note:
Renesas Technology’s serial EEPROM are authorized for using consumer applications such as
cellular phone, camcorders, audio equipment. Therefore, please contact Renesas Technology’s
sales office before using industrial applications such as automotive systems, embedded controllers,
and meters.
Features
• Single supply: 1.8 V to 5.5 V
• Two-wire serial interface (I2C serial bus)
• Clock frequency: 400 kHz
• Power dissipation:
 Standby: 2 µA (max)
 Active (Read): 1 mA (max)
 Active (Write): 3.0 mA (max)
• Automatic page write: 32-byte/page
• Write cycle time: 5 ms
• Endurance: 1,000k Cycles @ 25°C
• Data retention: 100 Years @ 25°C
REJ03C0332-0200
Rev.2.00
Oct.26, 2009
Page 1 of 22


Similar Part No. - R1EX24064ASAS0A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A Datasheet
182Kb / 24P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_15 Datasheet
825Kb / 26P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
More results

Similar Description - R1EX24064ASAS0A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EV24064ASAS0I RENESAS-R1EV24064ASAS0I_15 Datasheet
546Kb / 17P
   Two-wire serial interface 64k EEPROM (8-kword ??8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I_11 Datasheet
154Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 瑗?8-bit)
R1EX24064ASA00A RENESAS-R1EX24064ASA00A Datasheet
171Kb / 22P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_15 Datasheet
825Kb / 26P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASA00I RENESAS-R1EX24064ASA00I Datasheet
171Kb / 22P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A Datasheet
182Kb / 24P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I Datasheet
181Kb / 24P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com