Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT60142H-DD15MSV Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT60142H-DD15MSV
Description  Rad Hard 512K x 8 Very Low Power CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT60142H-DD15MSV Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT60142H-DD15MSV Datasheet HTML 4Page - ATMEL Corporation AT60142H-DD15MSV Datasheet HTML 5Page - ATMEL Corporation AT60142H-DD15MSV Datasheet HTML 6Page - ATMEL Corporation AT60142H-DD15MSV Datasheet HTML 7Page - ATMEL Corporation AT60142H-DD15MSV Datasheet HTML 8Page - ATMEL Corporation AT60142H-DD15MSV Datasheet HTML 9Page - ATMEL Corporation AT60142H-DD15MSV Datasheet HTML 10Page - ATMEL Corporation AT60142H-DD15MSV Datasheet HTML 11Page - ATMEL Corporation AT60142H-DD15MSV Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
AT60142H
7834A–AERO–10/09
Package Drawing
36-lead Flat Pack (500 Mils)
Document Revision History
Creation from AT60142F with the following changes :
Package DC removed
Update of parameters ICCSB, ICCSB1, ICCDR


Similar Part No. - AT60142H-DD15MSV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142HT-DD15M-E ATMEL-AT60142HT-DD15M-E Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142HT-DD15MSV ATMEL-AT60142HT-DD15MSV Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142HT-DD17M-E ATMEL-AT60142HT-DD17M-E Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142HT-DD17MSV ATMEL-AT60142HT-DD17MSV Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
More results

Similar Description - AT60142H-DD15MSV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV4006 BSI-BS62LV4006_06 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com