Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT60142H-DS15-SCC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT60142H-DS15-SCC
Description  Rad Hard 512K x 8 Very Low Power CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT60142H-DS15-SCC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT60142H-DS15-SCC Datasheet HTML 4Page - ATMEL Corporation AT60142H-DS15-SCC Datasheet HTML 5Page - ATMEL Corporation AT60142H-DS15-SCC Datasheet HTML 6Page - ATMEL Corporation AT60142H-DS15-SCC Datasheet HTML 7Page - ATMEL Corporation AT60142H-DS15-SCC Datasheet HTML 8Page - ATMEL Corporation AT60142H-DS15-SCC Datasheet HTML 9Page - ATMEL Corporation AT60142H-DS15-SCC Datasheet HTML 10Page - ATMEL Corporation AT60142H-DS15-SCC Datasheet HTML 11Page - ATMEL Corporation AT60142H-DS15-SCC Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
AT60142H
7834A–AERO–10/09
Write Cycle 1
WE Controlled, OE High During Write
Write Cycle 2
WE Controlled, OE Low
Write Cycle 3
CS Controlled(1)
Note:
The internal write time of the memory is defined by the overlap of CS Low and W LOW.
Both signals must be activated to initiate a write and either signal can terminate a write
by going in active mode. The data input setup and hold timing should be referenced to
the active edge of the signal that terminates the write.
Data out is high impedance if OE= VIH.
E
E
E


Similar Part No. - AT60142H-DS15-SCC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142HT-DD15M-E ATMEL-AT60142HT-DD15M-E Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142HT-DD15MSV ATMEL-AT60142HT-DD15MSV Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142HT-DD17M-E ATMEL-AT60142HT-DD17M-E Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142HT-DD17MSV ATMEL-AT60142HT-DD17MSV Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
More results

Similar Description - AT60142H-DS15-SCC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV4006 BSI-BS62LV4006_06 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com