Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT7913EKB-SV Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT7913EKB-SV
Description  SpaceWire-Remote Terminal Controller (RTC)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT7913EKB-SV Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT7913EKB-SV Datasheet HTML 2Page - ATMEL Corporation AT7913EKB-SV Datasheet HTML 3Page - ATMEL Corporation AT7913EKB-SV Datasheet HTML 4Page - ATMEL Corporation AT7913EKB-SV Datasheet HTML 5Page - ATMEL Corporation AT7913EKB-SV Datasheet HTML 6Page - ATMEL Corporation AT7913EKB-SV Datasheet HTML 7Page - ATMEL Corporation AT7913EKB-SV Datasheet HTML 8Page - ATMEL Corporation AT7913EKB-SV Datasheet HTML 9Page - ATMEL Corporation AT7913EKB-SV Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
AT7913E Advanced Information
7833B–AERO–05/09
ADWr
O
DAC write strobe
ADCs
O
ADC chip select
ADRc
O
ADC read/convert
ADRdy
I
ADC ready
ADTrig
I
ADC trigger
MemA[22:0]
O
Memory interface address - These active high outputs carry
the address during accesses on the memory bus. When no
access is performed, the address of the last access is driven
(also internal cycles).
MemD[31:0]
IO
Memory interface data - MemD[31:0] carries the data during
transfers on the memory bus. The processor only drives the
bus during write cycles. During accesses to 8-bit areas, only
MemD[31:24] are used.
MemCB[7:0]
IO
Memory interface checkbitsMemCB[6:0] carries the EDAC
checkbits, MemCB[7] takes the value of TB[7] in the error
control register. The processor only drive MemCB[7:0] during
write cycles to areas programmed to be EDAC protected
MemCsN[3:0]
O
SRAM chip select - These active low signals provide an
individual output enable for each SRAM bank.
MemOeN[3:0]
O
SRAM output enable -These active low outputs provide the
chip-select signals for each SRAM bank.
MemWrN[3:0]
O
SRAM byte write strobe - These active low outputs provide
individual write strobes for each byte lane. MemWrN[0]
controls MemD[31:24], MemWrN[1] controls MemD[23:16],
etc.
RomCsN[1:0]
O
PROM chip select - These active low outputs provide the chip-
select signal for the PROM area. RomCsN[0] is asserted when
the lower half of the PROM area is accessed (0 -
0x10000000), while RomCsN[1] is asserted for the upper half.
IoCsN
O
I/O area chip select - This active low output is the chip-select
signal for the memory mapped I/O area.
IoOeN
O
I/O area output enable - This active low output is asserted
during read cycles on the memory bus.
IoRead
O
I/O area read - This active high output is asserted during read
cycles on the memory bus.
IoWrN
O
I/O area write - This active low output provides a write strobe
during write cycles on the
memory bus.
IoBrdyN
I
I/O area ready - This active low input indicates that the access
to a memory mapped I/O area can be terminated on the next
rising clock edge.


Similar Part No. - AT7913EKB-SV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT7913E ATMEL-AT7913E_14 Datasheet
1Mb / 26P
   SpaceWire Remote Terminal Controller
More results

Similar Description - AT7913EKB-SV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT7913E ATMEL-AT7913E_14 Datasheet
1Mb / 26P
   SpaceWire Remote Terminal Controller
logo
Dynex Semiconductor
MA3690 DYNEX-MA3690 Datasheet
426Kb / 41P
   1553B Bus Controller/Remote Terminal
logo
ATMEL Corporation
AT7912E ATMEL-AT7912E Datasheet
347Kb / 21P
   Single SpaceWire link High Speed Controller
AT7911E ATMEL-AT7911E Datasheet
311Kb / 22P
   Triple SpaceWire links High Speed Controller
logo
List of Unclassifed Man...
UT1553B ETC1-UT1553B Datasheet
1Mb / 52P
   BCRT Bus Controller/Remote Terminal/Monitor
RTS1760 ETC2-RTS1760 Datasheet
449Kb / 2P
   Remote Terminal
logo
E-CMOS Corporation
ECF9000 E-CMOS-ECF9000 Datasheet
387Kb / 3P
   RFID remote controller
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R Datasheet
538Kb / 40P
   Remote Controller MCU
SST65P542R SST-SST65P542R_05 Datasheet
475Kb / 41P
   Remote Controller MCU
logo
Maxim Integrated Produc...
MAX11041 MAXIM-MAX11041_10 Datasheet
226Kb / 17P
   Wired Remote Controller
Rev 3; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com