Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

980PWO4C Datasheet(PDF) 1 Page - HB Electronic Components

Part # 980PWO4C
Description  LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

980PWO4C Datasheet(HTML) 1 Page - HB Electronic Components

  980PWO4C Datasheet HTML 1Page - HB Electronic Components 980PWO4C Datasheet HTML 2Page - HB Electronic Components 980PWO4C Datasheet HTML 3Page - HB Electronic Components 980PWO4C Datasheet HTML 4Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No./型号:980PWO4C
www.ledz.com
1/4
LED SPECIFICATION
Ø Features/特征:
l Single color/单色
l High bright output/高亮度输出
l High reliability and long life/
可靠性高、寿命长
l Low power consumption/低功耗
Ø Descriptions/描述:
l Dice material/芯片材质:InGaN
l Emitting Color/发光颜色:
Super Bright White/ 高亮度白色
l Device Outline/产品外形:
7.62mmX7.62mm
l Lens Type 胶体颜色:
Water Clear/ 无色透明
Ø Directivity/指向特性:
1.
All dimensions are millimeters/单位:mm.
2.
Tolerance is +/-0.20mm unless otherwise noted/
没有标注的公差均为±0.20mm.
Radiation Angle/辐射角度
DIRECTIVITY/指向特性
60
°
30
°
1.0
90
°
0.5
0
°
30
°
0
°
Ta=25
°C
IF=30mA
1.0
0.5
60
°
0
90
°
CATHODE
? 3.0
± 0.2
1.5mm


Similar Part No. - 980PWO4C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
980PWC HB-980PWC Datasheet
96Kb / 5P
   LED
More results

Similar Description - 980PWO4C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com