Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64178DFD Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F64178DFD
Description  RENESAS MCU
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64178DFD Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F64178DFD Datasheet HTML 1Page - Renesas Technology Corp R5F64178DFD Datasheet HTML 2Page - Renesas Technology Corp R5F64178DFD Datasheet HTML 3Page - Renesas Technology Corp R5F64178DFD Datasheet HTML 4Page - Renesas Technology Corp R5F64178DFD Datasheet HTML 5Page - Renesas Technology Corp R5F64178DFD Datasheet HTML 6Page - Renesas Technology Corp R5F64178DFD Datasheet HTML 7Page - Renesas Technology Corp R5F64178DFD Datasheet HTML 8Page - Renesas Technology Corp R5F64178DFD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 110 page
background image
REJ03B0254-0100 Rev.1.00 Nov 19, 2009
Page 5 of 108
R32C/117 Group
1. Overview
Notes:
1.
IEBus is a trademark of NEC Electronics Corporation.
2.
Please contact a Renesas sales office to use the optional feature.
Table 1.4
R32C/117 Group Performance for the 100-pin Package (2/2)
Unit
Function
Performance
Timer
Timer A
16-bit timer × 5
Timer mode, event counter mode, one-shot timer mode, pulse-width
modulation (PWM) mode
Two-phase pulse signal processing in event counter mode (two-
phase encoder input) × 3
Timer B
16-bit timer × 6
Timer mode, event counter mode, pulse frequency measurement
mode, pulse-width measurement mode
Three-phase
motor control
timer
Three-phase motor control timer ×1 (timers A1, A2, A4, and B2 used)
8-bit programmable dead time timer
Serial
Interface
UART0 to UART8 Asynchronous/synchronous serial interface × 9 channels
•I2C-bus (UART0 to UART6)
• Special mode 2 (UART0 to UART6)
• IEBus (1) (optional (2)) (UART0 to UART6)
A/D Converter
10-bit resolution × 26 channels
Sample and hold functionality integrated
D/A Converter
8-bit resolution × 2
CRC Calculator
CRC-CCITT (X16 + X12 + X5 + 1)
X-Y Converter
16 bits × 16 bits
Intelligent I/O
Time measurement (input capture): 16 bits × 16
Waveform generation (output compare): 16 bits × 19
Serial interface: Variable-length synchronous serial I/O mode, IEBus (1)
mode (optional (2))
Multi-master I2C-bus Interface
1 channel
CAN Module
1 channel
CAN functionality compliant with ISO11898-1
32 mailboxes
Flash Memory
Programming and erasure supply voltage:
VCC = 3.0 to 5.5 V
Minimum endurance: 1, 000 program/erase cycles
Security protection: ROM code protect, ID code protect
Debugging: On-chip debug, on-board flash programming
Operating Frequency/Supply
Voltage
50 MHz/VCC = 3.0 to 5.5 V
Operating Temperature
-20°C to 85°C (version N)
-40°C to 85°C (version D)
-40°C to 85°C (version P)
Current Consumption
35 mA (VCC = 5.0 V, f(CPU) = 50 MHz)
8 µA (VCC = 3.3 V, f(XCIN) = 32.768 kHz, in wait mode)
Package
100-pin plastic molded LQFP (PLQP0100KB-A)


Similar Part No. - R5F64178DFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64178DFD RENESAS-R5F64178DFD Datasheet
867Kb / 114P
   RENESAS MCU
R5F64178DFD RENESAS-R5F64178DFD Datasheet
867Kb / 114P
   RENESAS MCU
R5F64178DFD RENESAS-R5F64178DFD Datasheet
802Kb / 114P
   RENESAS MCU
More results

Similar Description - R5F64178DFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com