Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATmega328P Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATmega328P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
Download  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega328P Datasheet(HTML) 4 Page - ATMEL Corporation

  ATmega328P Datasheet HTML 1Page - ATMEL Corporation ATmega328P Datasheet HTML 2Page - ATMEL Corporation ATmega328P Datasheet HTML 3Page - ATMEL Corporation ATmega328P Datasheet HTML 4Page - ATMEL Corporation ATmega328P Datasheet HTML 5Page - ATMEL Corporation ATmega328P Datasheet HTML 6Page - ATMEL Corporation ATmega328P Datasheet HTML 7Page - ATMEL Corporation ATmega328P Datasheet HTML 8Page - ATMEL Corporation ATmega328P Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 345 page
background image
4
7810A–AVR–11/09
ATmega328P [Preliminary]
1.1.7
AV
CC
AV
CC is the supply voltage pin for the A/D Converter, PC3:0, and ADC7:6. It should be externally
connected to V
CC, even if the ADC is not used. If the ADC is used, it should be connected to VCC
through a low-pass filter. Note that PC6..4 use digital supply voltage, V
CC.
1.1.8
AREF
AREF is the analog reference pin for the A/D Converter.
1.1.9
ADC7:6 (TQFP and QFN/MLF Package Only)
In the TQFP and QFN/MLF package, ADC7:6 serve as analog inputs to the A/D converter.
These pins are powered from the analog supply and serve as 10-bit ADC channels.
1.2
Disclaimer
Typical values contained in this datasheet are based on simulations and characterization of
actual ATmega328P AVR microcontrollers manufactured on the typical process technology.
Automotive Min and Max values are based on characterization of actual ATmega328P AVR
microcontrollers manufactured on the whole process excursion (corner run).
1.3
Automotive Quality Grade
The ATmega328P have been developed and manufactured according to the most
stringent requirements of the international standard ISO-TS-16949. This data sheet contains
limit values extracted from the results of extensive characterization (Temperature and Voltage).
The quality and reliability of the ATmega328P have been verified during regular product
qualification as per AEC-Q100 grade 1.
As indicated in the ordering information paragraph, the products are available in only one tem-
perature grade.
Table 1-1.
Temperature Grade Identification for Automotive Products
Temperature
Temperature Identifier
Comments
-40°C ; +125°C
Z
Full AutomotiveTemperature Range


Similar Part No. - ATmega328P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA328P ATMEL-ATMEGA328P Datasheet
420Kb / 26P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P Datasheet
406Kb / 24P
   8-bit AVR Microcontrollers
06/2016
ATmega328P ATMEL-ATmega328P Datasheet
487Kb / 26P
   8-bit Microcontroller with4/8/16/32K Bytes In-System Programmable Flash
ATmega328P ATMEL-ATmega328P Datasheet
12Mb / 448P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P Datasheet
499Kb / 32P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
More results

Similar Description - ATmega328P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_08 Datasheet
5Mb / 346P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_09 Datasheet
518Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_1 Datasheet
6Mb / 352P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com