Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC3216CRF-WA1 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT88SC3216CRF-WA1
Description  CryptoRF Specification
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC3216CRF-WA1 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT88SC3216CRF-WA1 Datasheet HTML 7Page - ATMEL Corporation AT88SC3216CRF-WA1 Datasheet HTML 8Page - ATMEL Corporation AT88SC3216CRF-WA1 Datasheet HTML 9Page - ATMEL Corporation AT88SC3216CRF-WA1 Datasheet HTML 10Page - ATMEL Corporation AT88SC3216CRF-WA1 Datasheet HTML 11Page - ATMEL Corporation AT88SC3216CRF-WA1 Datasheet HTML 12Page - ATMEL Corporation AT88SC3216CRF-WA1 Datasheet HTML 13Page - ATMEL Corporation AT88SC3216CRF-WA1 Datasheet HTML 14Page - ATMEL Corporation AT88SC3216CRF-WA1 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 158 page
background image
AT88SC0808/1616/3216/6416CRF, AT88RF04C
11
5276C–RFID–3/09
5.1.2.
Command Field Descriptions
AFI
:
The Application Family Identifier (AFI) is used to select the family and sub-family of cards which the PCD
is targeting. Only PICCs with a matching AFI code are permitted to answer an REQB or WUPB
command. Table 5 describes the AFI matching criteria. An AFI of $00 activates all Type B PICCs.
Table 5.
AFI matching criteria for polling commands received by the PICC.
AFI
High Bits
AFI
Low Bits
REQB/WUPB Polling produces a
PICC response from:
$0
$0
All Families and sub-families
“X”
$0
All sub-families of Family “X”
“X”
“Y”
Only sub-family “Y” of Family “X”
$0
“Y”
Proprietary sub-family “Y” Only
“Y” = $1 to $F
“X” = $1 to $F
PARAM:
The PARAM byte is used to send two parameters to the PICC. The parameter “N”, which assigns the
number of anticollision slots, and the REQB / WUPB selection bit.
Figure 3.
Definition of the PARAM byte in the REQB/WUPB command.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
RW
N
Table 6.
Coding of “N”, the number of anticollision slots, in the PARAM byte.
Bit 2
Bit 1
Bit 0
N
0
0
0
1
0
0
1
2
0
1
0
4
0
1
1
8
1
0
0
16
1
0
1
RFU
1
1
0
RFU
1
1
1
RFU
Table 7.
Coding of the REQB / WUPB selection bit in the PARAM byte.
Bit 3
Command
0
REQB
1
WUPB
CRC:
Communication error detection bytes.


Similar Part No. - AT88SC3216CRF-WA1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC3216CRF-WA1 ATMEL-AT88SC3216CRF-WA1 Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 32 Kbits
AT88SC3216CRF-WA1 ATMEL-AT88SC3216CRF-WA1 Datasheet
260Kb / 9P
   13.56 MHz CryptoRF짰 EEPROM Memory 32 Kbits
More results

Similar Description - AT88SC3216CRF-WA1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104CRF ATMEL-AT88SC0104CRF_08 Datasheet
1Mb / 108P
   CryptoRF Specification
AT88RF04C ATMEL-AT88RF04C_14 Datasheet
1Mb / 12P
   CryptoRF EEPROM Memory Full Specification
AT88RF04C ATMEL-AT88RF04C_14 Datasheet
449Kb / 12P
   CryptoRF EEPROM Memory
AT88SC3216CRF ATMEL-AT88SC3216CRF_14 Datasheet
414Kb / 11P
   CryptoRF EEPROM Memory
AT88SC6416CRF ATMEL-AT88SC6416CRF_14 Datasheet
449Kb / 12P
   CryptoRF EEPROM Memory
AT88SC0808CRF ATMEL-AT88SC0808CRF_14 Datasheet
449Kb / 12P
   CryptoRF EEPROM Memory
AT88SC1616CRF ATMEL-AT88SC1616CRF_14 Datasheet
411Kb / 11P
   CryptoRF EEPROM Memory
AT88SC0808CRF ATMEL-AT88SC0808CRF Datasheet
102Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
AT88SC0104CRF ATMEL-AT88SC0104CRF Datasheet
102Kb / 9P
   CryptoRF EEPROM Memory 1 Kbits
AT88SC018 ATMEL-AT88SC018_1 Datasheet
163Kb / 11P
   CryptoCompanion??Chip for CryptoMemory and CryptoRF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com