Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R0622903VYC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # 5962R0622903VYC
Description  Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi- Chip Module
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962R0622903VYC Datasheet(HTML) 3 Page - ATMEL Corporation

  5962R0622903VYC Datasheet HTML 1Page - ATMEL Corporation 5962R0622903VYC Datasheet HTML 2Page - ATMEL Corporation 5962R0622903VYC Datasheet HTML 3Page - ATMEL Corporation 5962R0622903VYC Datasheet HTML 4Page - ATMEL Corporation 5962R0622903VYC Datasheet HTML 5Page - ATMEL Corporation 5962R0622903VYC Datasheet HTML 6Page - ATMEL Corporation 5962R0622903VYC Datasheet HTML 7Page - ATMEL Corporation 5962R0622903VYC Datasheet HTML 8Page - ATMEL Corporation 5962R0622903VYC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
7531H–AERO–04/09
AT68166FT
Pin
Configuration
Table 1. AT68166FT pin assignment in YS package
Note:
In YM package leads 33, 34 and 68 are not connected.
Lead
Signal
Lead
Signal
Lead
Signal
Lead
Signal
1
I/O0[0]
18
VCC
35
I/O3[7]
52
VCC
2
I/O0[1]
19
A11
36
I/O3[6]
53
A10
3
I/O0[2]
20
A12
37
I/O3[5]
54
A9
4
I/O0[3]
21
A13
38
I/O3[4]
55
A8
5
I/O0[4]
22
A14
39
I/O3[3]
56
A7
6
I/O0[5]
23
A15
40
I/O3[2]
57
A6
7
I/O0[6]
24
A16
41
I/O3[1]
58
WE0
8
I/O0[7]
25
CS0
42
I/O3[0]
59
CS3
9GND
26
OE
43
GND
60
GND
10
I/O1[0]
27
CS1
44
I/O2[7]
61
CS2
11
I/O1[1]
28
A17
45
I/O2[6]
62
A5
12
I/O1[2]
29
WE1
46
I/O2[5]
63
A4
13
I/O1[3]
30
WE2
47
I/O2[4]
64
A3
14
I/O1[4]
31
WE3
48
I/O2[3]
65
A2
15
I/O1[5]
32
A18
49
I/O2[2]
66
A1
16
I/O1[6]
33
GND
50
I/O2[1]
67
A0
17
I/O1[7]
34
VCC
51
I/O2[0]
68
VCC


Similar Part No. - 5962R0622903VYC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962R0622901VXC ATMEL-5962R0622901VXC Datasheet
333Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
5962R0622902VXC ATMEL-5962R0622902VXC Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
More results

Similar Description - 5962R0622903VYC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166FT ATMEL-AT68166FT Datasheet
333Kb / 19P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166HT ATMEL-AT68166HT Datasheet
345Kb / 15P
   Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT68166F ATMEL-AT68166F_1 Datasheet
375Kb / 18P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H ATMEL-AT68166H Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166F ATMEL-AT68166F Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
logo
Aeroflex Circuit Techno...
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
logo
ATMEL Corporation
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
   Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com