Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC0808CRF-MY1 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT88SC0808CRF-MY1
Description  CryptoRF Specification
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0808CRF-MY1 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT88SC0808CRF-MY1 Datasheet HTML 5Page - ATMEL Corporation AT88SC0808CRF-MY1 Datasheet HTML 6Page - ATMEL Corporation AT88SC0808CRF-MY1 Datasheet HTML 7Page - ATMEL Corporation AT88SC0808CRF-MY1 Datasheet HTML 8Page - ATMEL Corporation AT88SC0808CRF-MY1 Datasheet HTML 9Page - ATMEL Corporation AT88SC0808CRF-MY1 Datasheet HTML 10Page - ATMEL Corporation AT88SC0808CRF-MY1 Datasheet HTML 11Page - ATMEL Corporation AT88SC0808CRF-MY1 Datasheet HTML 12Page - ATMEL Corporation AT88SC0808CRF-MY1 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 158 page
background image
AT88SC0808/1616/3216/6416CRF, AT88RF04C
9
5276C–RFID–3/09
4.
Command Set
The CryptoRF command set contains two types of commands: Anticollision commands, and Active State commands.
Anticollision commands are explicitly defined in ISO/IEC 14443-3:2001. The CryptoRF Active State commands are
Atmel defined commands that are compliant with the ISO/IEC 14443-3:2001 requirements.
The CryptoRF Active State commands contain the CID code that is assigned to a card when it is selected during the
anticollision process. See the ATTRIB command for coding of the CID bits.
Table 3.
Coding of the Command Byte for the Anticollision Command Set
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Command Name
Hexadecimal
0
0
0
0
0
1
0
1
REQB/WUPB
$05
Slot Number
0
1
0
1
Slot MARKER
$s5
0
0
0
1
1
1
0
1
ATTRIB
$1D
0
1
0
1
0
0
0
0
HLTB
$50
Table 4.
Coding of the Command byte for the CryptoRF Active State Command Set.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Command Name
Hexadecimal
CID
0
0
0
1
Set User Zone
$c1
CID
0
0
1
0
Read User Zone
$c2
CID
0
0
1
1
Write User Zone
$c3
CID
0
1
0
0
Write System Zone
$c4
CID
0
1
1
0
Read System Zone
$c6
CID
1
0
0
0
Verify Crypto
$c8
CID
1
0
0
1
Send Checksum
$c9
CID
1
0
1
0
DESELECT
$cA
CID
1
0
1
1
IDLE
$cB
CID
1
1
0
0
Check Password
$cC
All Other Values Are Not Supported


Similar Part No. - AT88SC0808CRF-MY1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0808CRF-MR1 ATMEL-AT88SC0808CRF-MR1 Datasheet
305Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
AT88SC0808CRF-MR1 ATMEL-AT88SC0808CRF-MR1 Datasheet
169Kb / 10P
   13.56 MHz CryptoRF짰 EEPROM Memory 8 Kbits
AT88SC0808CRF-MS1 ATMEL-AT88SC0808CRF-MS1 Datasheet
305Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
AT88SC0808CRF-MU1 ATMEL-AT88SC0808CRF-MU1 Datasheet
305Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
More results

Similar Description - AT88SC0808CRF-MY1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104CRF ATMEL-AT88SC0104CRF_08 Datasheet
1Mb / 108P
   CryptoRF Specification
AT88RF04C ATMEL-AT88RF04C_14 Datasheet
1Mb / 12P
   CryptoRF EEPROM Memory Full Specification
AT88RF04C ATMEL-AT88RF04C_14 Datasheet
449Kb / 12P
   CryptoRF EEPROM Memory
AT88SC3216CRF ATMEL-AT88SC3216CRF_14 Datasheet
414Kb / 11P
   CryptoRF EEPROM Memory
AT88SC6416CRF ATMEL-AT88SC6416CRF_14 Datasheet
449Kb / 12P
   CryptoRF EEPROM Memory
AT88SC0808CRF ATMEL-AT88SC0808CRF_14 Datasheet
449Kb / 12P
   CryptoRF EEPROM Memory
AT88SC1616CRF ATMEL-AT88SC1616CRF_14 Datasheet
411Kb / 11P
   CryptoRF EEPROM Memory
AT88SC0808CRF ATMEL-AT88SC0808CRF Datasheet
102Kb / 9P
   CryptoRF EEPROM Memory 8 Kbits
AT88SC0104CRF ATMEL-AT88SC0104CRF Datasheet
102Kb / 9P
   CryptoRF EEPROM Memory 1 Kbits
AT88SC018 ATMEL-AT88SC018_1 Datasheet
163Kb / 11P
   CryptoCompanion??Chip for CryptoMemory and CryptoRF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com