Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91SAM7X128 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT91SAM7X128
Description  AT91 ARM Thumb-based Microcontrollers
Download  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X128 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT91SAM7X128 Datasheet HTML 1Page - ATMEL Corporation AT91SAM7X128 Datasheet HTML 2Page - ATMEL Corporation AT91SAM7X128 Datasheet HTML 3Page - ATMEL Corporation AT91SAM7X128 Datasheet HTML 4Page - ATMEL Corporation AT91SAM7X128 Datasheet HTML 5Page - ATMEL Corporation AT91SAM7X128 Datasheet HTML 6Page - ATMEL Corporation AT91SAM7X128 Datasheet HTML 7Page - ATMEL Corporation AT91SAM7X128 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7X128 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 687 page
background image
5
6120H–ATARM–17-Feb-09
AT91SAM7X512/256/128 Preliminary
3.
Signal Description
Table 3-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Comments
Power
VDDIN
Voltage Regulator and ADC Power
Supply Input
Power
3V to 3.6V
VDDOUT
Voltage Regulator Output
Power
1.85V
VDDFLASH
Flash and USB Power Supply
Power
3V to 3.6V
VDDIO
I/O Lines Power Supply
Power
3V to 3.6V
VDDCORE
Core Power Supply
Power
1.65V to 1.95V
VDDPLL
PLL
Power
1.65V to 1.95V
GND
Ground
Ground
Clocks, Oscillators and PLLs
XIN
Main Oscillator Input
Input
XOUT
Main Oscillator Output
Output
PLLRC
PLL Filter
Input
PCK0 - PCK3
Programmable Clock Output
Output
ICE and JTAG
TCK
Test Clock
Input
No pull-up resistor
TDI
Test Data In
Input
No pull-up resistor
TDO
Test Data Out
Output
TMS
Test Mode Select
Input
No pull-up resistor
JTAGSEL
JTAG Selection
Input
Pull-down resistor
(1)
Flash Memory
ERASE
Flash and NVM Configuration Bits Erase
Command
Input
High
Pull-down resistor
(1)
Reset/Test
NRST
Microcontroller Reset
I/O
Low
Pull-up resistor, Open Drain
Output
TST
Test Mode Select
Input
High
Pull-down resistor
(1)
Debug Unit
DRXD
Debug Receive Data
Input
DTXD
Debug Transmit Data
Output
AIC
IRQ0 - IRQ1
External Interrupt Inputs
Input
FIQ
Fast Interrupt Input
Input
PIO
PA0 - PA30
Parallel IO Controller A
I/O
Pulled-up input at reset
PB0 - PB30
Parallel IO Controller B
I/O
Pulled-up input at reset


Similar Part No. - AT91SAM7X128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7X128 ATMEL-AT91SAM7X128 Datasheet
7Mb / 664P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7X128 ATMEL-AT91SAM7X128 Datasheet
803Kb / 45P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7X128 ATMEL-AT91SAM7X128 Datasheet
413Kb / 44P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7X128-AU ATMEL-AT91SAM7X128-AU Datasheet
1Mb / 45P
   Incorporates the ARM7TDMI ARM Thumb Processor
AT91SAM7X128-AU ATMEL-AT91SAM7X128-AU Datasheet
803Kb / 45P
   AT91 ARM Thumb-based Microcontrollers
More results

Similar Description - AT91SAM7X128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A2_0407 ATMEL-AT91SAM7A2_0407 Datasheet
145Kb / 16P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G10 ATMEL-AT91SAM9G10_1 Datasheet
11Mb / 730P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G46 ATMEL-AT91SAM9G46 Datasheet
1Mb / 59P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB_10 Datasheet
297Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S_09 Datasheet
643Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
ATSAM3U ATMEL-ATSAM3U Datasheet
176Kb / 7P
   AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com