Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF2M64F8VS-100 Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMF2M64F8VS-100
Description  FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF2M64F8VS-100 Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMF2M64F8VS-100 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS-100 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS-100 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS-100 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS-100 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS-100 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS-100 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS-100 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS-100 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HANBit
HMF2M64F8VS
URL :www.hbe.co.kr
HANbit Electronics Co., Ltd.
REV.02(August,2002)
4
TRUTH TABLE
MODE
/OE
/CE
/WE
/RESET
DQ ( /BYTE=L )
POWER
STANDBY
X
H
X
Vcc
±0.3V
HIGH-Z
STANDBY
NOT SELECTED
H
L
H
H
HIGH-Z
ACTIVE
READ
L
L
H
H
DOUT
ACTIVE
WRITE or ERASE
X
L
L
H
DIN
ACTIVE
NOTE: X means don
’t care
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
Voltage with respect to ground all other pins
VIN,OUT
-0.5V to Vcc+0.5V
Voltage with respect to ground Vcc
VCC
-0.5V to +4.0V
Storage Temperature
TSTG
-65oC to +150oC
Operating Temperature
TA
-40oC to +85oC
w Stresses greater than those listed under " Absolute Maximum Ratings" may cause permanent damage to the device.
This is a stress rating only and fu nctional operation of the device at these or any other conditions above those indicated
in the operating section of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP.
MAX
Vcc for
± 10% device Supply Voltages
Vcc
2.7V
3.0
3.6V
Ground
VSS
0
0
0
DC AND OPERATING CHARACTERISTICS ( 0oC
≤ TA ≤ 70 oC )
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
MAX
UNIT
Input Leakage Current
Vcc=Vcc max, VIN= GND to Vcc
IL1
-1.0
1.0
µA
Output Leakage Current
Vcc=Vcc max, VOUT= GND to Vcc
IL0
-10
1.0
µA
Output High Voltage
IOH = -2.0mA, Vcc = Vcc min
VOH
0.85x Vcc
-
V
Output Low Voltage
IOL = 4.0mA, Vcc =Vcc min
VOL
-
0.4
V
5MHZ
-
128
Vcc Active Read Current (1)
/CE = VIL,
/OE = VIH,
1MHZ
ICC1
-
32
mA
Vcc Active Write Current (2)
/CE = VIL, /OE=VIH
ICC2
-
240
mA
Vcc Standby Current
/CE, /RESET=Vcc
±0.3V
ICC3
-
240
mA
Low Vcc Lock-Out Voltage
VLKO
1.5
-
V
Notes:
1. The Icc current listed includes both the DC operating current and the frequent component (at 5MHz).
2. Icc active while embedded algorithm (program or erase) is in progress
3. Not 100% tested


Similar Part No. - HMF2M64F8VS-100

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M64F8V HANBIT-HMF2M64F8V Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8V-120 HANBIT-HMF2M64F8V-120 Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8V-70 HANBIT-HMF2M64F8V-70 Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8V-90 HANBIT-HMF2M64F8V-90 Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VA HANBIT-HMF2M64F8VA Datasheet
567Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
More results

Similar Description - HMF2M64F8VS-100

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M64F8V HANBIT-HMF2M64F8V Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VA HANBIT-HMF2M64F8VA Datasheet
567Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4V HANBIT-HMF25664F4V Datasheet
579Kb / 12P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4V HANBIT-HMF1M64F4V Datasheet
294Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4VP HANBIT-HMF25664F4VP Datasheet
426Kb / 12P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4VSP HANBIT-HMF25664F4VSP Datasheet
430Kb / 10P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VA HANBIT-HMF1M64F4VA Datasheet
557Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VS HANBIT-HMF1M64F4VS Datasheet
288Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF16M8F8VS HANBIT-HMF16M8F8VS Datasheet
158Kb / 11P
   FLASH-ROM MODULE 16MByte (16M x 8-Bit) , SMM 80Pin
HMF8M16F8VS HANBIT-HMF8M16F8VS Datasheet
417Kb / 12P
   FLASH-ROM MODULE 16MByte (8M x 16-Bit) , SMM 80Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com