Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF2M64F8VS Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMF2M64F8VS
Description  FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF2M64F8VS Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMF2M64F8VS Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF2M64F8VS Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HANBit
HMF2M64F8VS
URL :www.hbe.co.kr
HANbit Electronics Co., Ltd.
REV.02(August,2002)
5
ERASE AND PROGRAMMING PERFORMANCE
LIMITS
PARAMETER
MIN.
TYP.
MAX.
UNIT
COMMENTS
Block Erase Time
-
0.7
15
sec
Chip Erase Time
27
sec
Excludes 00H programming
prior to erasure
Word Programming Time
-
11
330
µs
Chip Programming Time
-
12
36
sec
Excludes system-level
overhead
TSOP CAPACITANCE
PARAMETER
SYMBOL
PARAMETER
DESCRIPTION
TEST SETUP
MIN
MAX
UNIT
CIN
Input Capacitance
VIN = 0
-
10
pF
COUT
Output Capacitance
VOUT = 0
-
10
pF
CIN2
Control Pin Capacitance
VIN = 0
-
10
pF
Notes : Capacitance is periodically sampled and not 100% tested.
TEST SPECIFICATIONS
TEST CONDITION
VALUE
UNIT
Output load
1TTL gate
Input rise and full times
5
ns
Input pulse levels
0 to 3
V
Input timing measurement reference levels
1.5
V
Output timing measurement reference levels
1.5
V
5.0V
Device
Under
Test
2.7k
Diodes = IN3064
or Equivalent
6.2k
IN3064
or Equivalent
CL
Note : CL = 100pF including jig capacitance


Similar Part No. - HMF2M64F8VS

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M64F8V HANBIT-HMF2M64F8V Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8V-120 HANBIT-HMF2M64F8V-120 Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8V-70 HANBIT-HMF2M64F8V-70 Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8V-90 HANBIT-HMF2M64F8V-90 Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VA HANBIT-HMF2M64F8VA Datasheet
567Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
More results

Similar Description - HMF2M64F8VS

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M64F8V HANBIT-HMF2M64F8V Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VA HANBIT-HMF2M64F8VA Datasheet
567Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4V HANBIT-HMF25664F4V Datasheet
579Kb / 12P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4V HANBIT-HMF1M64F4V Datasheet
294Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4VP HANBIT-HMF25664F4VP Datasheet
426Kb / 12P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4VSP HANBIT-HMF25664F4VSP Datasheet
430Kb / 10P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VA HANBIT-HMF1M64F4VA Datasheet
557Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VS HANBIT-HMF1M64F4VS Datasheet
288Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF16M8F8VS HANBIT-HMF16M8F8VS Datasheet
158Kb / 11P
   FLASH-ROM MODULE 16MByte (16M x 8-Bit) , SMM 80Pin
HMF8M16F8VS HANBIT-HMF8M16F8VS Datasheet
417Kb / 12P
   FLASH-ROM MODULE 16MByte (8M x 16-Bit) , SMM 80Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com