Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24HC02B-TP25-T Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24HC02B-TP25-T
Description  Two-wire Automotive Temperature Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24HC02B-TP25-T Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24HC02B-TP25-T Datasheet HTML 1Page - ATMEL Corporation AT24HC02B-TP25-T Datasheet HTML 2Page - ATMEL Corporation AT24HC02B-TP25-T Datasheet HTML 3Page - ATMEL Corporation AT24HC02B-TP25-T Datasheet HTML 4Page - ATMEL Corporation AT24HC02B-TP25-T Datasheet HTML 5Page - ATMEL Corporation AT24HC02B-TP25-T Datasheet HTML 6Page - ATMEL Corporation AT24HC02B-TP25-T Datasheet HTML 7Page - ATMEL Corporation AT24HC02B-TP25-T Datasheet HTML 8Page - ATMEL Corporation AT24HC02B-TP25-T Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
5192C–SEEPR–01/09
AT24HC02B/04B
The AT24HC04B uses the A2 and A1 inputs for hardware addressing, and a total of four 4K
devices may be addressed on a single bus system. The A0 pin is a no-connect.
WRITE PROTECT (WP): The AT24HC02B/04B have a Write Protect pin that provides hardware
data protection. The Write Protect pin allows normal read/write operations when connected to
ground (GND). When the Write Protect pin is connected to V
CC, the write protection feature is
enabled and operates as shown in the following table.
Table 3-1.
Write Protect
WP Pin
Status
Part of the Array Protected
AT24HC02B/04B
At V
CC
Upper Half (1K/2K) Array
At GND
Normal Read/Write Operations


Similar Part No. - AT24HC02B-TP25-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24HC02B-TH-B ATMEL-AT24HC02B-TH-B Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
AT24HC02B-TH-T ATMEL-AT24HC02B-TH-T Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
More results

Similar Description - AT24HC02B-TP25-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_09 Datasheet
493Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C11 ATMEL-AT24C11 Datasheet
392Kb / 14P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B_0701 ATMEL-AT24HC02B_0701 Datasheet
504Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C01A ATMEL-AT24C01A_07 Datasheet
495Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24C32A ATMEL-AT24C32A_05 Datasheet
281Kb / 17P
   Two-wire Automotive Serial EEPROM
AT24C01A ATMEL-AT24C01A_04 Datasheet
300Kb / 19P
   Two-wire Automotive Serial EEPROM
AT24C04A ATMEL-AT24C04A Datasheet
523Kb / 20P
   Two-wire Serial EEPROM Extended Temperature
AT24C01B ATMEL-AT24C01B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com