Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24HC02B-TP25-B Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT24HC02B-TP25-B
Description  Two-wire Automotive Temperature Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24HC02B-TP25-B Datasheet(HTML) 5 Page - ATMEL Corporation

  AT24HC02B-TP25-B Datasheet HTML 1Page - ATMEL Corporation AT24HC02B-TP25-B Datasheet HTML 2Page - ATMEL Corporation AT24HC02B-TP25-B Datasheet HTML 3Page - ATMEL Corporation AT24HC02B-TP25-B Datasheet HTML 4Page - ATMEL Corporation AT24HC02B-TP25-B Datasheet HTML 5Page - ATMEL Corporation AT24HC02B-TP25-B Datasheet HTML 6Page - ATMEL Corporation AT24HC02B-TP25-B Datasheet HTML 7Page - ATMEL Corporation AT24HC02B-TP25-B Datasheet HTML 8Page - ATMEL Corporation AT24HC02B-TP25-B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
5192C–SEEPR–01/09
AT24HC02B/04B
Notes:
1. This parameter is characterized and is not 100% tested (TA = 25°C).
2. This parameter is ensured by characterization only.
Table 4-3.
AC Characteristics
Applicable over recommended operating range from T
A = −40°C to +125°C, VCC = +2.5V to +5.5V, CL = 1 TTL Gate and
100 pF (unless otherwise noted)
Symbol
Parameter
Min
Max
Units
fSCL
Clock Frequency, SCL
400
kHz
t
LOW
Clock Pulse Width Low
1.2
µs
tHIGH
Clock Pulse Width High
0.6
µs
tI
Noise Suppression Time(1)
50
ns
t
AA
Clock Low to Data Out Valid
0.1
0.9
µs
t
BUF
Time the bus must be free before
a new transmission can start(2)
1.2
µs
t
HD.STA
Start Hold Time
0.6
µs
tSU.STA
Start Set-up Time
0.6
µs
tHD.DAT
Data In Hold Time
0
µs
t
SU.DAT
Data In Set-up Time
100
ns
tR
Inputs Rise Time(2)
300
ns
tF
Inputs Fall Time(2)
300
ns
t
SU.STO
Stop Set-up Time
0.6
µs
tDH
Data Out Hold Time
50
ns
t
WR
Write Cycle Time
5
ms
Endurance(2)
5.0V, 25
°C, Page Mode
1M
Write Cycles


Similar Part No. - AT24HC02B-TP25-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24HC02B-TH-B ATMEL-AT24HC02B-TH-B Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
AT24HC02B-TH-T ATMEL-AT24HC02B-TH-T Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
More results

Similar Description - AT24HC02B-TP25-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_09 Datasheet
493Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C11 ATMEL-AT24C11 Datasheet
392Kb / 14P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B_0701 ATMEL-AT24HC02B_0701 Datasheet
504Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C01A ATMEL-AT24C01A_07 Datasheet
495Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24C32A ATMEL-AT24C32A_05 Datasheet
281Kb / 17P
   Two-wire Automotive Serial EEPROM
AT24C01A ATMEL-AT24C01A_04 Datasheet
300Kb / 19P
   Two-wire Automotive Serial EEPROM
AT24C04A ATMEL-AT24C04A Datasheet
523Kb / 20P
   Two-wire Serial EEPROM Extended Temperature
AT24C01B ATMEL-AT24C01B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com