Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT86RF230-ZU Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT86RF230-ZU
Description  Low Power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, 6LoWPAN, RF4CE and ISM
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF230-ZU Datasheet(HTML) 4 Page - ATMEL Corporation

  AT86RF230-ZU Datasheet HTML 1Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 2Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 3Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 4Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 5Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 6Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 7Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 8Page - ATMEL Corporation AT86RF230-ZU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
4
5131E-MCU Wireless-02/09
AT86RF230
4 Pin Description
Table 4-1.
AT86RF230 Pin List
Number
Name
Type
Description
1
AVSS
Ground
Analog ground
2
AVSS
Ground
Analog ground
3
AVSS
Ground
Ground for RF signals
4
RFP
RF I/O
Differential RF signal
5
RFN
RF I/O
Differential RF signal
6
AVSS
Ground
Ground for RF signals
7
TST
Digital input
Enables Continuous Transmission Test Mode; active high
8
RST
Digital input
Chip reset; active low
9
DVSS
Ground
Digital ground
10
DVSS
Ground
Digital ground
11
SLP_TR
Digital input
Controls sleep, transmit start and receive states; active high
12
DVSS
Ground
Digital ground
13
DVDD
Supply
Regulated 1.8V supply voltage; digital domain
14
DVDD
Supply
Regulated 1.8V supply voltage; digital domain
15
DEVDD
Supply
External supply voltage; digital domain
16
DVSS
Ground
Digital ground
17
CLKM
Digital output
Master clock signal output
18
DVSS
Ground
Digital ground
19
SCLK
Digital input
SPI clock
20
MISO
Digital output
SPI data output (master input slave output)
21
DVSS
Ground
Digital ground
22
MOSI
Digital input
SPI data input (master output slave input)
23
SEL
Digital input
SPI select; active low
24
IRQ
Digital output
Interrupt request signal; active high
25
XTAL1
Analog input
Crystal pin or external clock supply
26
XTAL2
Analog input
Crystal pin
27
AVSS
Ground
Analog ground
28
EVDD
Supply
External supply voltage; analog domain
29
AVDD
Supply
Regulated 1.8V supply voltage; analog domain
30
AVSS
Ground
Analog ground
31
AVSS
Ground
Analog ground
32
AVSS
Ground
Analog ground
Paddle
AVSS
Ground
Analog ground; Exposed Paddle of QFN package
4.1 Supply and Ground Pins
EVDD, DEVDD
EVDD and DEVDD are analog and digital supply voltage pins of the AT86RF230 radio
transceiver.


Similar Part No. - AT86RF230-ZU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF230-ZU ATMEL-AT86RF230-ZU Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
AT86RF230-ZU ATMEL-AT86RF230-ZU Datasheet
967Kb / 98P
   Low Power 2.4 GHz Radio Transceiver for ZigBee??and IEEE 802.15.4??Applications
More results

Similar Description - AT86RF230-ZU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF233 ATMEL-AT86RF233 Datasheet
5Mb / 196P
   Low Power, 2.4GHz Transceiver for ZigBee, RF4CE, IEEE 802.15.4, 6LoWPAN, and ISM Applications
AT86RF231 ATMEL-AT86RF231 Datasheet
3Mb / 180P
   Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230_07 Datasheet
967Kb / 98P
   Low Power 2.4 GHz Radio Transceiver for ZigBee??and IEEE 802.15.4??Applications
logo
Texas Instruments
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
TEXAS ADVANCED OPTOELEC...
CC2538 TAOS-CC2538 Datasheet
808Kb / 24P
   A Powerful System-On-Chip for 2.4-GHz IEEE 802.15.4, 6LoWPAN and ZigBee Applications
logo
Texas Instruments
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420RTCR TI1-CC2420RTCR Datasheet
1Mb / 94P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
List of Unclassifed Man...
CC2420 ETC1-CC2420 Datasheet
1Mb / 87P
   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com