Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT86RF230 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT86RF230
Description  Low Power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, 6LoWPAN, RF4CE and ISM
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF230 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT86RF230_09 Datasheet HTML 2Page - ATMEL Corporation AT86RF230_09 Datasheet HTML 3Page - ATMEL Corporation AT86RF230_09 Datasheet HTML 4Page - ATMEL Corporation AT86RF230_09 Datasheet HTML 5Page - ATMEL Corporation AT86RF230_09 Datasheet HTML 6Page - ATMEL Corporation AT86RF230_09 Datasheet HTML 7Page - ATMEL Corporation AT86RF230_09 Datasheet HTML 8Page - ATMEL Corporation AT86RF230_09 Datasheet HTML 9Page - ATMEL Corporation AT86RF230_09 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 98 page
background image
6
5131E-MCU Wireless-02/09
AT86RF230
In receive mode, the RF input provides a low-impedance path to ground when transistor
M0 (see Figure 4-1) pulls the inductor center tap to ground. A DC voltage drop of 20 mV
across the on-chip inductor can be measured at the RF pins.
In transmit mode, a control loop provides a common-mode voltage of 0.9V. Transistor
M0 is off, allowing the PA to set the common-mode voltage. The common-mode
capacitance at each pin to ground shall be < 30 pF to ensure the stability of this
common-mode feedback loop.
XTAL1, XTAL2
The pin XTAL1 is the input of the reference oscillator amplifier (XOSC), XTAL2 is the
output. A detailed description of the crystal oscillator setup and the related
XTAL1/XTAL2 pin configuration can be found in section 9.6.
When using an external clock reference signal, XTAL1 shall be used as input pin. For
further details refer to section 9.6.3.
Table 4-2.
Comments on Analog and RF Pins
Pin
Condition
Recommendation/Comment
RFP/RFN
VDC = 0.9V (TX)
VDC = 20 mV (RX) at both pins
AC-coupling is required if an antenna with a DC path to ground is used.
Serial capacitance must be < 30 pF.
XTAL1/XTAL2
CPAR = 3 pF
VDC = 0.9V at both pins
Parasitic capacitance (CPAR) of the pins must be considered as additional
load capacitance to the crystal.
4.3 Digital Pins
The digital interface of the AT86RF230 compromises pins SEL , SCLK, MOSI and
MISO forming the serial peripheral interface (SPI) and pins CLKM, IRQ, SLP_TR and
RST
used as additional control signal between radio transceiver and microcontroller.
The digital radio transceiver interface is described in detail in section 6.
4.3.1 Driver Strength Settings of Digital Output Pins
The driver strength of the digital output pins (MISO, IRQ) and CLKM pin can be
configured by register 0x03 (TRX_CTRL_0) as described in Table 4-3.
The capacitive load should be as small as possible and not larger than 50 pF when
using the 2 mA minimum driver strength setting. Generally, the output driver strength
should be adjusted to the lowest possible value in order to keep the current
consumption and the emission of digital signal harmonics low.
Table 4-3.
Digital Output Driver Configuration
Pin
Default Driver Strength
Comment
MISO, IRQ
2 mA
Adjustable to 2 mA, 4 mA, 6 mA and 8 mA
CLKM
4 mA
Adjustable to 2 mA, 4 mA, 6 mA and 8 mA


Similar Part No. - AT86RF230_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230_07 Datasheet
967Kb / 98P
   Low Power 2.4 GHz Radio Transceiver for ZigBee??and IEEE 802.15.4??Applications
More results

Similar Description - AT86RF230_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF233 ATMEL-AT86RF233 Datasheet
5Mb / 196P
   Low Power, 2.4GHz Transceiver for ZigBee, RF4CE, IEEE 802.15.4, 6LoWPAN, and ISM Applications
AT86RF231 ATMEL-AT86RF231 Datasheet
3Mb / 180P
   Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230_07 Datasheet
967Kb / 98P
   Low Power 2.4 GHz Radio Transceiver for ZigBee??and IEEE 802.15.4??Applications
logo
Texas Instruments
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
TEXAS ADVANCED OPTOELEC...
CC2538 TAOS-CC2538 Datasheet
808Kb / 24P
   A Powerful System-On-Chip for 2.4-GHz IEEE 802.15.4, 6LoWPAN and ZigBee Applications
logo
Texas Instruments
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420RTCR TI1-CC2420RTCR Datasheet
1Mb / 94P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
List of Unclassifed Man...
CC2420 ETC1-CC2420 Datasheet
1Mb / 87P
   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com