Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25010A Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT25010A
Description  SPI Automotive Temperature Serial EEPROMs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25010A Datasheet(HTML) 5 Page - ATMEL Corporation

  AT25010A Datasheet HTML 1Page - ATMEL Corporation AT25010A Datasheet HTML 2Page - ATMEL Corporation AT25010A Datasheet HTML 3Page - ATMEL Corporation AT25010A Datasheet HTML 4Page - ATMEL Corporation AT25010A Datasheet HTML 5Page - ATMEL Corporation AT25010A Datasheet HTML 6Page - ATMEL Corporation AT25010A Datasheet HTML 7Page - ATMEL Corporation AT25010A Datasheet HTML 8Page - ATMEL Corporation AT25010A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
5087E–SEEPR–7/09
AT25010A/020A/040A/080A
CHIP SELECT: The AT25010A/020A/040A is selected when the CS pin is low. When the device
is not selected, data will not be accepted via the SI pin, and the serial output pin (SO) will remain
in a high impedance state.
HOLD: Th e HOL D p i n is u s ed in c onju n ctio n with th e CS pin to se lect th e
AT25010A/020A/040A. When the device is selected and a serial sequence is underway, HOLD
can be used to pause the serial communication with the master device without resetting the
serial sequence. To pause, the HOLD pin must be brought low while the SCK pin is low. To
resume serial communication, the HOLD pin is brought high while the SCK pin is low (SCK may
still toggle during HOLD). Inputs to the SI pin will be ignored while the SO pin is in the high
impedance state.
WRITE PROTECT: The write protect pin (WP) will allow normal read/write operations when held
high. When the WP pin is brought low, all write operations are inhibited. WP going low while CS
is still low will interrupt a write to the AT25010A/020A/040A. If the internal write cycle has
already been initiated, WP going low will have no effect on any write operation.
Figure 4-1.
SPI Serial Interface
AT25010A/020A/040A


Similar Part No. - AT25010A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A Datasheet
392Kb / 18P
   SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
AT25010A ATMEL-AT25010A Datasheet
559Kb / 22P
   SPI Serial EEPROM
AT25010A ATMEL-AT25010A Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
AT25010A-10PE-2.7 ATMEL-AT25010A-10PE-2.7 Datasheet
392Kb / 18P
   SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
AT25010A-10PQ-2.7 ATMEL-AT25010A-10PQ-2.7 Datasheet
392Kb / 18P
   SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
More results

Similar Description - AT25010A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25080A ATMEL-AT25080A_14 Datasheet
706Kb / 19P
   SPI Automotive Temperature Serial EEPROMs
AT25080B ATMEL-AT25080B_14 Datasheet
729Kb / 20P
   SPI Automotive Temperature Serial EEPROMs
AT25128A ATMEL-AT25128A_07 Datasheet
459Kb / 18P
   SPI Automotive Temperature Serial EEPROMs
AT25160B ATMEL-AT25160B_14 Datasheet
729Kb / 20P
   SPI Automotive Temperature Serial EEPROMs
AT25256A ATMEL-AT25256A Datasheet
390Kb / 18P
   SPI Serial Extended Temperature EEPROMs
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com