Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF2M32F4VSB-100 Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMF2M32F4VSB-100
Description  Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF2M32F4VSB-100 Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMF2M32F4VSB-100 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF2M32F4VSB-100 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF2M32F4VSB-100 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF2M32F4VSB-100 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF2M32F4VSB-100 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF2M32F4VSB-100 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF2M32F4VSB-100 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF2M32F4VSB-100 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF2M32F4VSB-100 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HANBit
HMF2M32F4VSB
URL: www.hbe.co.kr
4
HANBit Electronics Co., Ltd.
REV.02(August,2002)
LIMITS
PARAMETER
MIN.
TYP.
MAX.
UNIT
COMMENTS
Block Erase Time
-
0.7
15
sec
Chip Erase Time
27
sec
Excludes 00H programming
prior to erasure
Word Programming Time
-
11
330
µs
Chip Programming Time
-
12
36
sec
Excludes system-level
overhead
TSOP CAPACITANCE
PARAMETER
SYMBOL
PARAMETER
DESCRIPTION
TEST SETUP
MIN
MAX
UNIT
CIN
Input Capacitance
VIN = 0
-
10
pF
COUT
Output Capacitance
VOUT = 0
-
10
pF
CIN2
Control Pin Capacitance
VIN = 0
-
10
pF
Notes : Capacitance is periodically sampled and not 100% tested.
TEST SPECIFICATIONS
TEST CONDITION
VALUE
UNIT
Output load
1TTL gate
Input rise and full times
5
ns
Input pulse levels
0 to 3
V
Input timing measurement reference levels
1.5
V
Output timing measurement reference levels
1.5
V
5.0V
Device
Under
Test
2.7k
Diodes = IN3064
or Equivalent
6.2k
IN3064
or Equivalent
CL
Note : CL = 100pF including jig capacitance


Similar Part No. - HMF2M32F4VSB-100

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M32F4VSA HANBIT-HMF2M32F4VSA Datasheet
556Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-MMC, 3.3V Design
More results

Similar Description - HMF2M32F4VSB-100

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M32F4V HANBIT-HMF2M32F4V Datasheet
177Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4VA HANBIT-HMF2M32F4VA Datasheet
294Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4VSA HANBIT-HMF2M32F4VSA Datasheet
556Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-MMC, 3.3V Design
HMF2M32M4VGL HANBIT-HMF2M32M4VGL Datasheet
426Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF1M32F2VA HANBIT-HMF1M32F2VA Datasheet
426Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VB HANBIT-HMF1M32F2VB Datasheet
416Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VSA HANBIT-HMF1M32F2VSA Datasheet
283Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF8M8F4VS HANBIT-HMF8M8F4VS Datasheet
157Kb / 11P
   FLASH-ROM MODULE 8MByte (8M x 8-Bit) , SMM 80Pin
HMF2M32B4V HANBIT-HMF2M32B4V Datasheet
148Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SO-DIMM, 3.3V
logo
List of Unclassifed Man...
HMF2M32B4V ETC-HMF2M32B4V Datasheet
144Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SO-DIMM, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com