Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF1M64F4VS Datasheet(PDF) 7 Page - Hanbit Electronics Co.,Ltd

Part # HMF1M64F4VS
Description  FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF1M64F4VS Datasheet(HTML) 7 Page - Hanbit Electronics Co.,Ltd

Back Button HMF1M64F4VS Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF1M64F4VS Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF1M64F4VS Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF1M64F4VS Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF1M64F4VS Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF1M64F4VS Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF1M64F4VS Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HMF1M64F4VS Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HMF1M64F4VS Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
HANBit
HMF1M64F4VS
URL : www.hbe.co.kr
HANbit Electronics Co., Ltd.
REV.02(August,2002)
7
u Erase/Program Operations
Alternate /CE Controlled Writes
- 90
-100
-120
PARAMETER
DESCRIPTION
MIN
MAX
MIN
MAX
MIN
MAX
tWC
Write Cycle Time(1)
90
-
100
-
120
-
ns
tAS
Address Setup Time
0
-
0
-
0
-
ns
tAH
Address Hold Time
45
-
45
-
50
-
ns
tDS
Data Setup Time
45
-
45
-
50
-
ns
tDH
Data Hold Time
0
-
0
-
0
-
ns
tOES
Output Enable Setup Time
0
-
0
-
0
-
ns
tGHWL
Read Recover Time Before Write
0
-
0
-
0
-
ns
tCS
/CE Setup Time
0
-
0
-
0
-
ns
tCH
/CE Hold Time
0
-
0
-
0
-
ns
tWP
Write Pulse Width
45
-
45
-
50
-
ns
tWPH
Write Pulse Width High
30
-
30
-
30
-
ns
tPGM
Programming Operation
11
11
11
ns
tBERS
Block Erase Operation (2)
0.7
-
0.7
-
0.7
-
ns
Notes : 1. Not 100% tested
2 . This does not include the preprogramming time
u READ OPERATIONS TIMING


Similar Part No. - HMF1M64F4VS

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF1M64F4V HANBIT-HMF1M64F4V Datasheet
294Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4V-120 HANBIT-HMF1M64F4V-120 Datasheet
294Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4V-80 HANBIT-HMF1M64F4V-80 Datasheet
294Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4V-90 HANBIT-HMF1M64F4V-90 Datasheet
294Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VA HANBIT-HMF1M64F4VA Datasheet
557Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
More results

Similar Description - HMF1M64F4VS

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF1M64F4V HANBIT-HMF1M64F4V Datasheet
294Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VA HANBIT-HMF1M64F4VA Datasheet
557Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4V HANBIT-HMF25664F4V Datasheet
579Kb / 12P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4VP HANBIT-HMF25664F4VP Datasheet
426Kb / 12P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4VSP HANBIT-HMF25664F4VSP Datasheet
430Kb / 10P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VA HANBIT-HMF2M64F8VA Datasheet
567Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8V HANBIT-HMF2M64F8V Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VS HANBIT-HMF2M64F8VS Datasheet
297Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M32F4VSB HANBIT-HMF2M32F4VSB Datasheet
287Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4V HANBIT-HMF2M32F4V Datasheet
177Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com