Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA2526 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATA2526
Description  Low-voltage IR Receiver ASSP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA2526 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATA2526_09 Datasheet HTML 6Page - ATMEL Corporation ATA2526_09 Datasheet HTML 7Page - ATMEL Corporation ATA2526_09 Datasheet HTML 8Page - ATMEL Corporation ATA2526_09 Datasheet HTML 9Page - ATMEL Corporation ATA2526_09 Datasheet HTML 10Page - ATMEL Corporation ATA2526_09 Datasheet HTML 11Page - ATMEL Corporation ATA2526_09 Datasheet HTML 12Page - ATMEL Corporation ATA2526_09 Datasheet HTML 13Page - ATMEL Corporation ATA2526_09 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
4905E–AUTO–09/09
ATA2526
Figure 6-9.
Test Circuit
Figure 6-10. Application Circuit
1 nF
16
ΔU2
DC
ΔU1
I
IN_DC
I
IN
V
PULSE
I
IN_AC100
I
Ee
f
0
I
IN_DC = ΔU2/40 kΩ
R
1 = 220Ω
I
Ee = ΔU1/400 kΩ
t
PER = 10 ms
V
DD = 3V to 5V
C
1
4.7 µF
20 k
Ω
-
+
20 k
Ω
1 nF
GND
OUT
+
ATA2526
IN
VS
400 k
Ω
I
IN_DC
I
IN
V
IN
V
O
I
Ee
I
S
I
OCL
R
1 = 220Ω
C
2
(2)
= 470 pF
(10 nF)
R
2
(1) > 2.4 k
Ω
(1) Optional
(2) The value of C
2 is dimensioned for the shor t burst type ATA2526P7xx. For the other types C2 can be omitted.
In case of an optional resistor R
2 > 2.4 kΩ the value of C2 must be increased to C2 = 10 nF. For the other types
C
2 = 470 pF is sufficient.
4.7 µF
C
1
+
GND
OUT
Microcontroller
ATA2526
RPU
IN
VS
V
DD = 3V to 5V


Similar Part No. - ATA2526_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA2526P133-DDW ATMEL-ATA2526P133-DDW Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526P136-DDW ATMEL-ATA2526P136-DDW Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526P137-DDW ATMEL-ATA2526P137-DDW Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526P138-DDW ATMEL-ATA2526P138-DDW Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526P140-DDW ATMEL-ATA2526P140-DDW Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
More results

Similar Description - ATA2526_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_09 Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_14 Datasheet
742Kb / 13P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526 Datasheet
234Kb / 12P
   LOW-VOLTAGE IR RECEIVER ASSP
ATA2536T ATMEL-ATA2536T_14 Datasheet
729Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_14 Datasheet
708Kb / 13P
   Low-voltage IR Receiver ASSP
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
   IR Receiver ASSP
T2525 ATMEL-T2525 Datasheet
219Kb / 10P
   IR RECEIVER ASSP
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
   IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com