Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2525 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T2525
Description  IR Receiver ASSP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2525 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T2525 Datasheet HTML 2Page - ATMEL Corporation T2525 Datasheet HTML 3Page - ATMEL Corporation T2525 Datasheet HTML 4Page - ATMEL Corporation T2525 Datasheet HTML 5Page - ATMEL Corporation T2525 Datasheet HTML 6Page - ATMEL Corporation T2525 Datasheet HTML 7Page - ATMEL Corporation T2525 Datasheet HTML 8Page - ATMEL Corporation T2525 Datasheet HTML 9Page - ATMEL Corporation T2525 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
4657G–AUTO–09/09
T2525
6.
Typical Electrical Curves at T
amb = 25°C
Figure 6-1.
I
Eemin versus IIN_DC, VS = 5V
Figure 6-2.
V
IN versus IIN_DC, VS = 5V
Figure 6-3.
Data Transmission Rate, V
S = 5V
0
1
10
100
0.1
1.0
1000.0
100.0
10.0
IIN_DC (µA)
0.52
0.96
2
2.94
2.79
2.44
1.14
1
0.1
0.0
0
3
IIN_DC (µA)
1.0
1000.0
100.0
10.0
0
1000
2000
3000
4000
5000
85
75
65
55
45
35
25
f0 (kHz)
1373
2090
3415
2836
1863
4634
Short burst type
Standard type
Lamp type


Similar Part No. - T2525

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2525 ATMEL-T2525 Datasheet
219Kb / 10P
   IR RECEIVER ASSP
T2525 ATMEL-T2525 Datasheet
199Kb / 12P
   IR Receiver ASSP
T2525N ATMEL-T2525N Datasheet
219Kb / 10P
   IR RECEIVER ASSP
T2525N030 ATMEL-T2525N030 Datasheet
219Kb / 10P
   IR RECEIVER ASSP
T2525N033 ATMEL-T2525N033 Datasheet
219Kb / 10P
   IR RECEIVER ASSP
More results

Similar Description - T2525

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
   IR Receiver ASSP
T2525 ATMEL-T2525 Datasheet
219Kb / 10P
   IR RECEIVER ASSP
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
   IR Receiver ASSP
ATA2525 ATMEL-ATA2525 Datasheet
190Kb / 12P
   IR Receiver ASSP
ATA2525 ATMEL-ATA2525_14 Datasheet
566Kb / 12P
   IR Receiver ASSP
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_09 Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_14 Datasheet
742Kb / 13P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com