Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T6817 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # T6817
Description  Dual Triple DMOS Output Driver with Serial Input Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T6817 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button T6817 Datasheet HTML 3Page - ATMEL Corporation T6817 Datasheet HTML 4Page - ATMEL Corporation T6817 Datasheet HTML 5Page - ATMEL Corporation T6817 Datasheet HTML 6Page - ATMEL Corporation T6817 Datasheet HTML 7Page - ATMEL Corporation T6817 Datasheet HTML 8Page - ATMEL Corporation T6817 Datasheet HTML 9Page - ATMEL Corporation T6817 Datasheet HTML 10Page - ATMEL Corporation T6817 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
4670E–BCD–04/09
T6817
Notes:
1. Threshold for undervoltage detection
2. Outputs disabled for V
VS > VOV (threshold for overvoltage detection)
4.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
All values refer to GND pins.
Parameter
Pin
Symbol
Value
Unit
Supply voltage
6, 7
VVS
–0.3 to +40
V
Supply voltage t < 0.5s; IS > –2A
6, 7
VVS
–1
V
Supply voltage difference |VS_Pin6 – VS_Pin7|
ΔV
VS
150
mV
Supply current
6, 7
IVS
1.4
A
Supply current t < 200 ms
6, 7
IVS
2.6
A
Logic supply voltage
19
VVCC
–0.3 to 7
V
Input voltage
5
VINH
–0.3 to 17
V
Logic input voltage
2 to 4
VDI, VCLK, VCS
–0.3 to VVCC +0.3
V
Logic output voltage
18
VDO
–0.3 to VVCC +0.3
V
Input current
5, 2 to 4
IINH, IDI, ICLK, ICS
–10 to +10
mA
Output current
18
IDO
–10 to +10
mA
Output current
8, 12, 14 to 17
ILS1 to ILS3
I
HS1 to IHS3
Internal limited, see
output specification
Output voltage
12, 14, 16
HS1 to HS3
–0.3 to +40
V
8, 15, 17
LS1 to LS3
Reverse conducting current (tPulse = 150 µs)
12, 14, 16
towards 6, 7
IHS1 to IHS3
17
A
Junction temperature range
Tj
–40 to +150
°C
Storage temperature range
TSTG
–55 to +150
°C
5.
Thermal Resistance
All values refer to GND pins
Parameter
Test Conditions
Symbol
Value
Unit
Junction pin
Measured to GND Pins 1, 10, 11, 13 and 20
R
thJP
25
K/W
Junction ambient
R
thJA
65
K/W
6.
Operating Range
All values refer to GND pins
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
Pins 6, 7
VVS
VUV
(1)
40(2)
V
Logic supply voltage
Pin 19
VVCC
4.555.5
V
Logic input voltage
Pin 2 to 4 and 5
VINH, VDI, VCLK, VCS
–0.3
VVCC
V
Serial interface clock frequency
Pin 4
f
CLK
2MHz
Junction temperature range
T
j
–40
150
°C


Similar Part No. - T6817

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6817 ATMEL-T6817 Datasheet
184Kb / 15P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817 Datasheet
353Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817-TKQ ATMEL-T6817-TKQ Datasheet
184Kb / 15P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817-TKQY ATMEL-T6817-TKQY Datasheet
310Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817-TKQY ATMEL-T6817-TKQY Datasheet
353Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
More results

Similar Description - T6817

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6817 ATMEL-T6817 Datasheet
184Kb / 15P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819_05 Datasheet
333Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
ATA6829 ATMEL-ATA6829_09 Datasheet
640Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819 Datasheet
251Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_05 Datasheet
310Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_07 Datasheet
353Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6818 ATMEL-T6818_05 Datasheet
319Kb / 16P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
T6818 ATMEL-T6818 Datasheet
469Kb / 16P
   Triple Halfbridge DMOS OUTPUT DRIVER WITH SERIAL INPUT CONTROL
ATA6826 ATMEL-ATA6826 Datasheet
262Kb / 15P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
ATA6826 ATMEL-ATA6826_07 Datasheet
359Kb / 15P
   Triple Half-bridge DMOS Output Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com