Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A3256S Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT32UC3A3256S
Description  AVR32 32-Bit Microcontroller
Download  961 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A3256S Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT32UC3A3256S Datasheet HTML 3Page - ATMEL Corporation AT32UC3A3256S Datasheet HTML 4Page - ATMEL Corporation AT32UC3A3256S Datasheet HTML 5Page - ATMEL Corporation AT32UC3A3256S Datasheet HTML 6Page - ATMEL Corporation AT32UC3A3256S Datasheet HTML 7Page - ATMEL Corporation AT32UC3A3256S Datasheet HTML 8Page - ATMEL Corporation AT32UC3A3256S Datasheet HTML 9Page - ATMEL Corporation AT32UC3A3256S Datasheet HTML 10Page - ATMEL Corporation AT32UC3A3256S Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 961 page
background image
7
32072A–AVR32–03/09
AT32UC3A3
Figure 4-2.
LQFP144 Pinout
136
37
72
73
108
109
144
Table 4-2.
Package Pinout
1
USB_VBUS
37
PX10
73
PX20
109
PA21
2
VDDIO
38
PX35
74
PX46
110
PA22
3
USB_VBIAS
39
PX47
75
PX50
111
PA23
4
GNDIO
40
PX15
76
PX57
112
PA24
5
DMHS
41
PX48
77
PX51
113
PA20
6
DPHS
42
PX53
78
PX56
114
PA19
7
GNDIO
43
PX49
79
PX55
115
PA18
8
DMFS
44
PX36
80
PX21
116
PA17
9
DPFS
45
PX37
81
VDDIO
117
GNDANA
10
VDDIO
46
PX54
82
GNDIO
118
VDDANA
11
PB08
47
GNDIO
83
PX17
119
PA25
12
PC05
48
VDDIO
84
PX18
120
PA26
13
PC04
49
PX09
85
PX23
121
PB05
14
PA30
50
PX08
86
PX24
122
PA00
15
PA02
51
PX38
87
PX52
123
PA01
16
PB10
52
PX39
88
PX43
124
PA05
17
PB09
53
PX06
89
PX27
125
PA03
18
PC02
54
PX07
90
PX26
126
PA04
19
PC03
55
PX00
91
PX28
127
PA06
20
GNDIO
56
PX59
92
PX25
128
PA16
21
VDDIO
57
PX58
93
PX32
129
PA13
22
PB04
58
PX05
94
PX29
130
VDDIO
23
PA29
59
PX01
95
PX33
131
GNDIO
24
PB03
60
PX04
96
PX30
132
PA12
25
PB02
61
PX34
97
PX31
133
PA07
26
PA27
62
PX02
98
PC00
134
PB06


Similar Part No. - AT32UC3A3256S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3256S ATMEL-AT32UC3A3256S Datasheet
1Mb / 90P
   32-bit AVR짰Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S Datasheet
15Mb / 1014P
   32-bit AVR짰Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S Datasheet
1Mb / 91P
   32-bit AVR짰 Microcontroller
AT32UC3A3256S-ALUR ATMEL-AT32UC3A3256S-ALUR Datasheet
1Mb / 90P
   32-bit AVR짰Microcontroller
AT32UC3A3256S-ALUR ATMEL-AT32UC3A3256S-ALUR Datasheet
15Mb / 1014P
   32-bit AVR짰Microcontroller
More results

Similar Description - AT32UC3A3256S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_09 Datasheet
707Kb / 63P
   AVR32 32-bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_1 Datasheet
13Mb / 896P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_08 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_09 Datasheet
814Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_09 Datasheet
1Mb / 75P
   AVR32 32-Bit Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064 Datasheet
1Mb / 71P
   AVR32 32-bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_08 Datasheet
754Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3B0256 ATMEL-AT32UC3B0256_08 Datasheet
1Mb / 65P
   AVR32 32-Bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512 Datasheet
655Kb / 52P
   AVR32 32-Bit Microcontroller
AT32AP7000 ATMEL-AT32AP7000_1 Datasheet
9Mb / 973P
   AVR32 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com