Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF1M32F8-120 Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd

Part # HMF1M32F8-120
Description  Flash-ROM Module 4MByte (1Mx32Bit), 100Pin-MMC, 5.5V Design
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF1M32F8-120 Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd

  HMF1M32F8-120 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF1M32F8-120 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF1M32F8-120 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF1M32F8-120 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF1M32F8-120 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF1M32F8-120 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF1M32F8-120 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF1M32F8-120 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF1M32F8-120 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HANBit
HMF1M32F8
URL: www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02 (August,2002)
3
TRUTH TABLE
MODE
/OE
/CE
/WE
DQ
POWER
STANDBY
X
H
X
HIGH-Z
STANDBY
NOT SELECTED
H
L
H
HIGH-Z
ACTIVE
READ
L
L
H
Q
ACTIVE
WRITE or ERASE
X
L
L
D
ACTIVE
NOTE: X means don
’t care
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
Voltage with respect to ground all other pins
VIN,OUT
-2.0V to +7.0V
Voltage with respect to ground Vcc
VCC
-2.0V to +7.0V
Power Dissipation
PD
8W
Storage Temperature
TSTG
-65oC to +125oC
Operating Temperature
TA
-55oC to +125oC
w Stresses greater than those listed under " Absolute Maximum Ratings" may cause permanent damage to the
device.
This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated
in the operating section of this specification is not implied. Exposure to absolute maximum rating conditions for
extended
periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP.
MAX
Vcc for
±5% device Supply Voltages
VCC
4.75V
5.25V
Vcc for
± 10% device Supply Voltages
Vcc
4.5V
5.5V
Ground
VSS
0
0
0
DC AND OPERATING CHARACTERISTICS (0oC ≤ TA ≤ 70 oC ; Vcc = 5V ± 0.5V )
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
MAX
UNITS
Input Load Current
Vcc=Vcc max, VIN= VSS to Vcc
IL1
±1.0
µA
Output Leakage Current
Vcc=Vcc max, VOUT= VSS to Vcc
IL0
±1.0
µA
Output High Voltage
IOH = -2.5mA, Vcc = Vcc min
VOH
2.4
V
Output Low Voltage
IOL = 12mA, Vcc =Vcc min
VOL
0.45
V
Vcc Active Current for Read(1)
/CE = VIL, /OE=VIH,
ICC1
30
mA
Vcc Active Current for Program
or Erase(2)
/CE = VIL, /OE=VIH
ICC2
40
mA
Vcc Standby Current
/CE= VIH
ICC3
1.0
mA
Low Vcc Lock-Out Voltage
VLKO
3.2
4.2
V


Similar Part No. - HMF1M32F8-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF1M32F2VA HANBIT-HMF1M32F2VA Datasheet
426Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VA-120 HANBIT-HMF1M32F2VA-120 Datasheet
426Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VA-70 HANBIT-HMF1M32F2VA-70 Datasheet
426Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VA-80 HANBIT-HMF1M32F2VA-80 Datasheet
426Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VA-90 HANBIT-HMF1M32F2VA-90 Datasheet
426Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
More results

Similar Description - HMF1M32F8-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF1M32F2VC HANBIT-HMF1M32F2VC Datasheet
83Kb / 8P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-MMC, 3.3V Design
HMF1M32M4V HANBIT-HMF1M32M4V Datasheet
422Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF1M32F2VA HANBIT-HMF1M32F2VA Datasheet
426Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VB HANBIT-HMF1M32F2VB Datasheet
416Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VSA HANBIT-HMF1M32F2VSA Datasheet
283Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4VSA HANBIT-HMF2M32F4VSA Datasheet
556Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-MMC, 3.3V Design
HMS1M32M8LA HANBIT-HMS1M32M8LA Datasheet
71Kb / 7P
   SRAM MODULE 4Mbyte(1Mx32Bit) ,LOW POWER,72Pin SIMM,5V
HMF1M32M4GL HANBIT-HMF1M32M4GL Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMF1M32M8S HANBIT-HMF1M32M8S Datasheet
423Kb / 10P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMS1M32M8L HANBIT-HMS1M32M8L Datasheet
93Kb / 7P
   SRAM MODULE 4Mbyte(1Mx32Bit) ,LOW POWER,72Pin SIMM,5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com